Electronic Components Datasheet Search
  English  ▼

X  

BC2 Datasheet(PDF) 8 Page - Clarke International

Part # BC2
Description  12V/24V 15A BATTERY CHARGER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

BC2 Datasheet(HTML) 8 Page - Clarke International

Back Button BC2 Datasheet HTML 4Page - Clarke International BC2 Datasheet HTML 5Page - Clarke International BC2 Datasheet HTML 6Page - Clarke International BC2 Datasheet HTML 7Page - Clarke International BC2 Datasheet HTML 8Page - Clarke International BC2 Datasheet HTML 9Page - Clarke International BC2 Datasheet HTML 10Page - Clarke International BC2 Datasheet HTML 11Page - Clarke International BC2 Datasheet HTML 12Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
BATTERY CHARGER DISPLAY
Description
1 12V STD, Up to 14.5V, Charging a 12V Standard Lead Acid Battery
24V STD, Up to 29V, Charging a 24V Standard Lead Acid Battery
2 12V AGM, Up to 14.8V, Charging a 12V AGM Battery
24V AGM, Up to 29.6V, Charging a 24V AGM Battery
3 12V LFP, Up to 14.6V, Charging a 12V LifePO4 Battery
24V LFP, Up to 29.2V, Charging a 24V LifePO4 Battery
4 12V M, Up to 14.4V, Charging a 12V Battery for Maintenance Purpose
24V M, Up to 28.8V, Charging a 24V Battery for Maintenance Purpose
5 The Charger will Automatically Recognise the 12V Mode
6 The Charger will Automatically Recognise the 24V Mode
7 Battery Voltage Indicator. Accurate to 0.1V.
Fully Charged: FUL
Connected with Reverse Polarity/Short Circuit at the Clamps: Err
8 Charging Indicator. Indicate the Charging Process, Each Bar Represents
Approximately 20%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com