Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 115 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 115 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 111Page - SMSC Corporation LAN9312 Datasheet HTML 112Page - SMSC Corporation LAN9312 Datasheet HTML 113Page - SMSC Corporation LAN9312 Datasheet HTML 114Page - SMSC Corporation LAN9312 Datasheet HTML 115Page - SMSC Corporation LAN9312 Datasheet HTML 116Page - SMSC Corporation LAN9312 Datasheet HTML 117Page - SMSC Corporation LAN9312 Datasheet HTML 118Page - SMSC Corporation LAN9312 Datasheet HTML 119Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
SMSC LAN9312
115
Revision 1.2 (04-08-08)
DATASHEET
9.4.1
Perfect Filtering
This filtering mode passes only incoming frames whose destination address field exactly matches the
value programmed into the Host MAC Address High Register (HMAC_ADDRH) and the Host MAC
Address Low Register (HMAC_ADDRL). The MAC address is formed by the concatenation of these
two registers.
9.4.2
Hash Only Filtering
This type of filtering checks for incoming receive packets (from switch Port 0) with either multicast or
physical destination addresses, and executes an imperfect address filtering against the hash table. The
hash table is formed by merging the values in the Host MAC Multicast Hash Table High Register
(HMAC_HASHH) and the Host MAC Multicast Hash Table Low Register (HMAC_HASHL) to form a
64-bit hash table.
During imperfect hash filtering, the upper 6-bits of the destination address of the incoming frame are
used to index the contents of the hash table. The most significant bit of the destination address
determines the register to be used (HMAC_HASHH or HMAC_HASHL), while the other five bits
determine the bit within the register. A value of 00000 selects Bit 0 of the HMAC_HASHL register and
a value of 11111 selects Bit 31 of the HMAC_HASHH register.
9.4.3
Hash Perfect Filtering
In hash perfect filtering, if the received frame is a physical address, the Host MAC packet filter will
perfect-filter the incoming frame’s destination field with the value programmed into the Host MAC
Address High Register (HMAC_ADDRH) and the Host MAC Address Low Register (HMAC_ADDRL).
However, if the incoming frame is a multicast frame, the Host MAC packet filter function performs an
imperfect address filtering against the hash table.
The imperfect filtering against the hash table is the same imperfect filtering process described in
Section 9.4.2, "Hash Only Filtering".
Table 9.1 Address Filtering Modes
MCPAS
PRMS
INVFILT
HO
HPFILT
DESCRIPTION
0
0
0
0
0
MAC address perfect filtering only
for all addresses.
0
0
0
0
1
MAC address perfect filtering for
physical address and hash filtering
for multicast addresses
0
0
0
1
1
Hash Filtering for physical and
multicast addresses
0
0
1
0
0
Inverse Filtering
X
1
0
X
X
Promiscuous
1
0
0
0
X
Pass all multicast frames. Frames
with physical addresses are
perfect-filtered
1
0
0
1
1
Pass all multicast frames. Frames
with physical addresses are hash-
filtered



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com