Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 118 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 118 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 114Page - SMSC Corporation LAN9312 Datasheet HTML 115Page - SMSC Corporation LAN9312 Datasheet HTML 116Page - SMSC Corporation LAN9312 Datasheet HTML 117Page - SMSC Corporation LAN9312 Datasheet HTML 118Page - SMSC Corporation LAN9312 Datasheet HTML 119Page - SMSC Corporation LAN9312 Datasheet HTML 120Page - SMSC Corporation LAN9312 Datasheet HTML 121Page - SMSC Corporation LAN9312 Datasheet HTML 122Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
Revision 1.2 (04-08-08)
118
SMSC LAN9312
DATASHEET
The Filter i Offset register defines the offset in the frame’s destination address field from which the
frames are examined by Filter i. Table 9.5 describes the Filter i Offset bit fields.
The Filter i CRC-16 register contains the CRC-16 result of the frame that should pass Filter i.
Table 9.6 describes the Filter i CRC-16 bit fields.
9.5.1
Magic Packet Detection
Setting the Magic Packet Enable bit (MPEN) in the Host MAC Wake-up Control and Status Register
(HMAC_WUCSR) places the Host MAC in the “Magic Packet” detection mode. In this mode, normal
data reception is disabled, and detection logic within the Host MAC examines received data for a Magic
Packet. The LAN9312 can be programmed to notify the host of the “Magic Packet” detection with the
assertion of the host interrupt (IRQ) or power management event signal (PME). Upon detection, the
Magic Packet Received bit (MPR) in the HMAC_WUCSR register is set. When the host clears the
MPEN bit, the Host MAC will resume normal receive operation. Please refer to Section 14.3.12, "Host
MAC Wake-up Control and Status Register (HMAC_WUCSR)," on page 285 for additional information
on this register.
In Magic Packet mode, the Host MAC constantly monitors each frame addressed to the node for a
specific Magic Packet pattern. Only packets matching the Host MAC address or broadcast address are
checked for the Magic Packet requirements. Once the address requirement has been met, the Host
MAC checks the received frame for the pattern 48’hFF_FF_FF_FF_FF_FF after the destination and
source address field. The Host MAC then looks in the frame for 16 repetitions of the Host MAC address
without any breaks or interruptions. In case of a break in the 16 address repetitions, the Host MAC
again scans for the 48'hFF_FF_FF_FF_FF_FF pattern in the incoming frame. The 16 repetitions may
be anywhere in the frame but must be preceded by the synchronization stream. The device will also
accept a multicast frame, as long as it detects the 16 duplications of the Host MAC address.
For example, if the Host MAC address is 00h 11h 22h 33h 44h 55h, then the MAC scans for the
following data sequence in an Ethernet frame:
Table 9.5 Filter i Offset Bit Definitions
FILTER i OFFSET DESCRIPTION
FIELD
DESCRIPTION
7:0
Pattern Offset:
The offset of the first byte in the frame on which CRC is checked for wake-up frame
recognition. The minimum value of this field must be 12 since there should be no CRC check for
the destination address and the source address fields. The Host MAC checks the first offset byte
of the frame for CRC and checks to determine whether the frame is a wake-up frame. Offset 0 is
the first byte of the incoming frame's destination address.
Table 9.6 Filter i CRC-16 Bit Definitions
FILTER i CRC-16 DESCRIPTION
FIELD
DESCRIPTION
15:0
Pattern CRC-16:
This field contains the 16-bit CRC value from the pattern and the byte mask
programmed to the wake-up filter register function. This value is compared against the CRC
calculated on the incoming frame, and a match indicates the reception of a wakeup frame.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com