Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 122 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 122 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 118Page - SMSC Corporation LAN9312 Datasheet HTML 119Page - SMSC Corporation LAN9312 Datasheet HTML 120Page - SMSC Corporation LAN9312 Datasheet HTML 121Page - SMSC Corporation LAN9312 Datasheet HTML 122Page - SMSC Corporation LAN9312 Datasheet HTML 123Page - SMSC Corporation LAN9312 Datasheet HTML 124Page - SMSC Corporation LAN9312 Datasheet HTML 125Page - SMSC Corporation LAN9312 Datasheet HTML 126Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
Revision 1.2 (04-08-08)
122
SMSC LAN9312
DATASHEET
9.8
TX Data Path Operation
Data is queued for transmission by writing it into the TX Data FIFO. Each packet to be transmitted
may be divided among multiple buffers. Each buffer starts with a two DWORD TX command (TX
command ‘A’ and TX command ‘B’). The TX command instructs the LAN9312 on the handling of the
associated buffer. Packet boundaries are delineated using control bits within the TX command.
The host provides a 16-bit Packet Tag field in the TX command. The Packet Tag value is appended
to the corresponding TX status DWORD. All Packet Tag fields must have the same value for all buffers
in a given packet. If tags differ between buffers in the same packet the TXE error will be asserted. Any
value may be chosen for a Packet Tag as long as all tags in the same Packet are identical. Packet
Tags also provide a method of synchronization between transmitted packets and their associated
status. Software can use unique Packet Tags to assist with validating matching status completions.
Note:
The use of Packet Tags is not required by the hardware. This field can be used by the LAN
software driver for any application. Packet Tags is only one application example.
The Packet Length field in the TX command specifies the number of bytes in the associated packet.
All Packet Length fields must have the same value for all buffers in a given packet. Hardware
compares the Packet Length field and the actual amount of data received by the Ethernet controller.
If the actual packet length count does not match the Packet Length field as defined in the TX
command, the Transmitter Error (TXE) flag is asserted.
The LAN9312 can be programmed to start payload transmission of a buffer on a byte boundary by
setting the “Data Start Offset” field in the TX command. The “Data Start Offset” field points to the actual
start of the payload data within the first 8 DWORDs of the buffer. Data before the “Data Start Offset”
pointer will be ignored. When a packet is split into multiple buffers, each successive buffer may begin
on any arbitrary byte.
Table 9.9 Valid TX/RX FIFO Allocations
TX_FIF_SZ
TX DATA FIFO
SIZE (BYTES)
TX STATUS FIFO
SIZE (BYTES)
RX DATA FIFO
SIZE (BYTES)
RX STATUS FIFO
SIZE (BYTES)
2
1536
512
13440
896
3
2560
512
12480
832
4
3584
512
11520
768
5
4608
512
10560
704
6
5632
512
9600
640
7
6656
512
8640
576
8
7680
512
7680
512
9
8704
512
6720
448
10
9728
512
5760
384
11
10752
512
4800
320
12
11776
512
3840
256
13
12800
512
2880
192
14
13824
512
1920
128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com