Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 119 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 119 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 115Page - SMSC Corporation LAN9312 Datasheet HTML 116Page - SMSC Corporation LAN9312 Datasheet HTML 117Page - SMSC Corporation LAN9312 Datasheet HTML 118Page - SMSC Corporation LAN9312 Datasheet HTML 119Page - SMSC Corporation LAN9312 Datasheet HTML 120Page - SMSC Corporation LAN9312 Datasheet HTML 121Page - SMSC Corporation LAN9312 Datasheet HTML 122Page - SMSC Corporation LAN9312 Datasheet HTML 123Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
SMSC LAN9312
119
Revision 1.2 (04-08-08)
DATASHEET
Destination Address Source Address ……………FF FF FF FF FF FF
00 11 22 33 44 55 00 11 22 33 44 55 00 11 22 33 44 55 00 11 22 33 44 55
00 11 22 33 44 55 00 11 22 33 44 55 00 11 22 33 44 55 00 11 22 33 44 55
00 11 22 33 44 55 00 11 22 33 44 55 00 11 22 33 44 55 00 11 22 33 44 55
00 11 22 33 44 55 00 11 22 33 44 55 00 11 22 33 44 55 00 11 22 33 44 55
…CRC
Note:
The switch fabric must be configured to pass magic packets to the Host MAC for this function
to operate properly.
9.6
Host MAC Address
The Host MAC address is configured via the Host MAC Address Low Register (HMAC_ADDRL) and
Host MAC Address High Register (HMAC_ADDRH). These registers contain the 48-bit physical
address of the Host MAC. The contents of these registers may be loaded directly by the host, or
optionally, by the EEPROM Loader from EEPROM at power-on (if a programmed EEPROM is
detected). The MAC address value loaded by the EEPROM Loader into the Host MAC address
registers (for host packet unicast qualification), is also loaded into the Switch Fabric MAC address
registers (for pause packet / flow control): Switch Fabric MAC Address Low Register
(SWITCH_MAC_ADDRL) and Switch Fabric MAC Address High Register (SWITCH_MAC_ADDRH).
These two sets of registers are loaded simultaneously via the same EEPROM byte addresses.
Table 9.7 below illustrates the byte ordering of the HMAC_ADDRL/SWITCH_MAC_ADDRL and
HMAC_ADDRH/SWITCH_MAC_ADDRH registers with respect to the reception of the Ethernet
physical address. Also shown is the correlation between the EEPROM addresses and
HMAC_ADDRL/SWITCH_MAC_ADDRL and HMAC_ADDRH/SWITCH_MAC_ADDRH registers.
For example, if the desired Ethernet physical address is 12-34-56-78-9A-BC, the HMAC_ADDRL and
HMAC_ADDRH registers would be programmed as shown in Figure 9.2. The values required to
automatically load this configuration from the EEPROM are also shown.
Table 9.7 EEPROM Byte Ordering and Register Correlation
EEPROM Address
Register Locations Written
Order of Reception on Ethernet
01h
HMAC_ADDRL[7:0]
SWITCH_MAC_ADDRL[7:0]
1st
02h
HMAC_ADDRL[15:8]
SWITCH_MAC_ADDRL[15:8]
2nd
03h
HMAC_ADDRL[23:16]
SWITCH_MAC_ADDRL[23:16]
3rd
04h
HMAC_ADDRL[31:24]
SWITCH_MAC_ADDRL[31:24]
4th
05h
HMAC_ADDRH[7:0]
SWITCH_MAC_ADDRH[7:0]
5th
06h
HMAC_ADDRH[15:8]
SWITCH_MAC_ADDRH[15:8]
6th



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com