Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 124 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 124 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 120Page - SMSC Corporation LAN9312 Datasheet HTML 121Page - SMSC Corporation LAN9312 Datasheet HTML 122Page - SMSC Corporation LAN9312 Datasheet HTML 123Page - SMSC Corporation LAN9312 Datasheet HTML 124Page - SMSC Corporation LAN9312 Datasheet HTML 125Page - SMSC Corporation LAN9312 Datasheet HTML 126Page - SMSC Corporation LAN9312 Datasheet HTML 127Page - SMSC Corporation LAN9312 Datasheet HTML 128Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
Revision 1.2 (04-08-08)
124
SMSC LAN9312
DATASHEET
9.8.1
TX Buffer Format
TX buffers exist in the host’s memory in a given format. The host writes a TX command word into the
TX data buffer before moving the Ethernet packet data. The TX command A and command B are 32-
bit values that are used by the LAN9312 in the handling and processing of the associated Ethernet
packet data buffer. Buffer alignment, segmentation and other packet processing parameters are
included in the command structure. The buffer format is illustrated in Figure 9.4.
Figure 9.4 shows the TX Buffer as it is written into the LAN9312. It should be noted that not all of the
data shown in this diagram is actually stored in the TX Data FIFO. This must be taken into account
when calculating the actual TX Data FIFO usage. Please refer to Section 9.8.5, "Calculating Actual TX
Data FIFO Usage" for a detailed explanation on calculating the actual TX Data FIFO usage.
9.8.2
TX Command Format
The TX command instructs the TX FIFO controller on handling the subsequent buffer. The command
precedes the data to be transmitted. The TX command is divided into two, 32-bit words; TX command
‘A’ and TX command ‘B’.
There is a 16-bit Packet Tag in the TX command ‘B’ command word. Packet Tags may, if host software
desires, be unique for each packet (i.e., an incrementing count). The value of the tag will be returned
in the TX status word for the associated packet. The Packet tag can be used by host software to
uniquely identify each status word as it is returned to the host.
Figure 9.4 TX Buffer Format
TX Command 'A'
Offset + Data DWORD0
.
.
.
.
.
Last Data & PAD
0
31
1st
2nd
3rd
Last
Host Write
Order
Optional Pad DWORD0
.
.
.
Optional Pad DWORDn
TX Command 'B'
Optional offset DWORD0
.
.
.
Optional offset DWORDn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com