Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 128 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 128 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 124Page - SMSC Corporation LAN9312 Datasheet HTML 125Page - SMSC Corporation LAN9312 Datasheet HTML 126Page - SMSC Corporation LAN9312 Datasheet HTML 127Page - SMSC Corporation LAN9312 Datasheet HTML 128Page - SMSC Corporation LAN9312 Datasheet HTML 129Page - SMSC Corporation LAN9312 Datasheet HTML 130Page - SMSC Corporation LAN9312 Datasheet HTML 131Page - SMSC Corporation LAN9312 Datasheet HTML 132Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
Revision 1.2 (04-08-08)
128
SMSC LAN9312
DATASHEET
9.8.5
Calculating Actual TX Data FIFO Usage
The following rules are used to calculate the actual TX Data FIFO space consumed by a TX Packet:
TX command 'A' is stored in the TX Data FIFO for every TX buffer
TX command 'B' is written into the TX Data FIFO when the First Segment (FS) bit is set in TX
command 'A'
Any DWORD-long data added as part of the “Data Start Offset” is removed from each buffer before
the data is written to the TX Data FIFO. Any data that is less than 1 DWORD is passed to the TX
Data FIFO.
Payload from each buffer within a Packet is written into the TX Data FIFO.
Any DWORD-long data added as part of the End Padding is removed from each buffer before the
data is written to the TX Data FIFO. Any end padding that is less than 1 DWORD is passed to the
TX Data FIFO
9.8.6
Transmit Examples
9.8.6.1
TX Example 1
In this example a single, 111-Byte Ethernet packet will be transmitted. This packet is divided into three
buffers. The three buffers are as follows:
Buffer 0:
7-Byte “Data Start Offset”
79-Bytes of payload data
16-Byte “Buffer End Alignment”
Buffer 1:
0-Byte “Data Start Offset”
15-Bytes of payload data
16-Byte “Buffer End Alignment”
Buffer 2:
10-Byte “Data Start Offset”
9
Late Collision.
When set, indicates that the packet transmission was aborted after the collision
window of 64 bytes.
8
Excessive Collisions.
When set, this bit indicates that the transmission was aborted after 16
collisions while attempting to transmit the current packet.
7
Reserved.
This bit is reserved. Always write zeros to this field to guarantee future compatibility.
6:3
Collision Count.
This counter indicates the number of collisions that occurred before the packet was
transmitted. It is not valid when excessive collisions (bit 8) is also set.
2
Excessive Deferral.
If the deferred bit is set in the control register, the setting of the excessive
deferral bit indicates that the transmission has ended because of a deferral of over 24288 bit times
during transmission.
1
Underrun Error.
When set, this bit indicates that the transmitter aborted the associated frame
because of an underrun condition of the TX Data FIFO. TX Underrun will cause the assertion of the
TDFU error flag.
0
Deferred.
When set, this bit indicates that the current packet transmission was deferred.
BITS
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com