Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 130 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 130 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 126Page - SMSC Corporation LAN9312 Datasheet HTML 127Page - SMSC Corporation LAN9312 Datasheet HTML 128Page - SMSC Corporation LAN9312 Datasheet HTML 129Page - SMSC Corporation LAN9312 Datasheet HTML 130Page - SMSC Corporation LAN9312 Datasheet HTML 131Page - SMSC Corporation LAN9312 Datasheet HTML 132Page - SMSC Corporation LAN9312 Datasheet HTML 133Page - SMSC Corporation LAN9312 Datasheet HTML 134Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
Revision 1.2 (04-08-08)
130
SMSC LAN9312
DATASHEET
9.8.6.2
TX Example 2
In this example, a single 183-Byte Ethernet packet will be transmitted. This packet is in a single buffer
as follows:
2-Byte “Data Start Offset”
183-Bytes of payload data
4-Byte “Buffer End Alignment”
Figure 9.6 illustrates the TX command structure for this example, and also shows how data is passed
to the TX Data FIFO. Note that the packet resides in a single TX Buffer, therefore both the FS and LS
bits are set in TX command ‘A’.
Figure 9.6 TX Example 2
TX Command 'A'
0
31
TX Command 'B'
Data Written to the
Memory Mapped
TX Data FIFO Port
TX Command 'B'
183-Byte Payload Data
Data Start Offset = 6
First Segment = 1
Last Segment = 1
Buffer Size =183
Packet Length = 183
TX Command 'A'
TX Command 'B'
Data Passed to the
TX Data FIFO
Buffer End Alignment = 0
3B End Padding
TX Command 'A'
6-Byte Data Start Offset
183-Byte Payload Data
NOTE: Extra bytes between buffers
are not transmitted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com