Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 134 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 134 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 130Page - SMSC Corporation LAN9312 Datasheet HTML 131Page - SMSC Corporation LAN9312 Datasheet HTML 132Page - SMSC Corporation LAN9312 Datasheet HTML 133Page - SMSC Corporation LAN9312 Datasheet HTML 134Page - SMSC Corporation LAN9312 Datasheet HTML 135Page - SMSC Corporation LAN9312 Datasheet HTML 136Page - SMSC Corporation LAN9312 Datasheet HTML 137Page - SMSC Corporation LAN9312 Datasheet HTML 138Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
Revision 1.2 (04-08-08)
134
SMSC LAN9312
DATASHEET
9.9.1.1
Receive Data FIFO Fast Forward
The RX data path implements an automatic data discard function. Using the RX Data FIFO Fast
Forward bit (RX_FFWD) in the Receive Datapath Control Register (RX_DP_CTRL), the host can
instruct the LAN9312 to skip the packet at the head of the RX Data FIFO. The RX Data FIFO pointers
are automatically incremented to the beginning of the next RX packet.
When performing a fast-forward, there must be at least 4 DWORDs of data in the RX Data FIFO for
the packet being discarded. For cases with less than 4 DWORDs, do not use RX_FFWD. In this case
data must be read from the RX Data FIFO and discarded using standard PIO read operations.
After initiating a fast-forward operation, do not perform any reads of the RX Data FIFO until the
RX_FFWD bit is cleared. Other resources can be accessed during this time (i.e., any registers and/or
the other three FIFO’s). Also note that the RX_FFWD will only fast-forward the RX Data FIFO, not the
RX Status FIFO. After an RX fast-forward operation the RX status must still be read from the RX Status
FIFO.
The receiver does not have to be stopped to perform a fast-forward operation.
9.9.1.2
Force Receiver Discard (Receiver Dump)
In addition to the Receive data Fast Forward feature, LAN9312 also implements a receiver "dump"
feature. This feature allows the host processor to flush the entire contents of the RX Data and RX
Status FIFOs. When activated, the read and write pointers for the RX Data and Status FIFO’s will be
returned to their reset state. To perform a receiver dump, the LAN9312 receiver must be halted. Once
the receiver stop completion is confirmed, the RX_DUMP bit can be set in the Receive Configuration
Register (RX_CFG). The RX_DUMP bit is cleared when the dump is complete. For more information
on stopping the receiver, please refer to Section 9.9.4, "Stopping and Starting the Receiver". For more
information on the RX_DUMP bit, please refer to Section 14.2.2.1, "Receive Configuration Register
(RX_CFG)," on page 180.
9.9.2
RX Packet Format
The RX status words can be read from the RX Status FIFO port, while the RX data packets can be
read from the RX Data FIFO. RX data packets are formatted in a specific manner before the host can



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com