Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 135 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 135 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 131Page - SMSC Corporation LAN9312 Datasheet HTML 132Page - SMSC Corporation LAN9312 Datasheet HTML 133Page - SMSC Corporation LAN9312 Datasheet HTML 134Page - SMSC Corporation LAN9312 Datasheet HTML 135Page - SMSC Corporation LAN9312 Datasheet HTML 136Page - SMSC Corporation LAN9312 Datasheet HTML 137Page - SMSC Corporation LAN9312 Datasheet HTML 138Page - SMSC Corporation LAN9312 Datasheet HTML 139Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
SMSC LAN9312
135
Revision 1.2 (04-08-08)
DATASHEET
read them as shown in Figure 9.9. It is assumed that the host has previously read the associated
status word from the RX Status FIFO, to ascertain the data size and any error conditions.
9.9.3
RX Status Format
Note:
Though the Host MAC is communicating locally with the switch fabric MAC, the events
described in the RX Status word may still occur.
Figure 9.9 RX Packet Format
BITS
DESCRIPTION
31
Reserved.
This bit is reserved. Reads 0.
30
Filtering Fail.
When set, this bit indicates that the associated frame failed the address recognizing
filtering.
29:16
Packet Length.
The size, in bytes, of the corresponding received frame.
15
Error Status (ES).
When set this bit indicates that the Host MAC Interface Layer (MIL) has reported
an error. This bit is the Internal logical “or” of bits 11,7,6 and 1.
14
Reserved.
These bits are reserved. Reads 0.
13
Broadcast Frame.
When set, this bit indicates that the received frame has a Broadcast address.
12
Length Error (LE).
When set, this bit indicates that the actual length does not match with the
length/type field of the received frame.
11
Runt Frame.
When set, this bit indicates that frame was prematurely terminated before the collision
window (64 bytes). Runt frames are passed on to the host only if the Pass Bad Frames bit (PASSBAD)
of the Host MAC Control Register (HMAC_CR) is set.
10
Multicast Frame.
When set, this bit indicates that the received frame has a Multicast address.
9:8
Reserved.
These bits are reserved. Reads 0.
ofs + First Data DWORD
.
.
.
.
Last Data DWORD
0
31
Host Read
Order
1st
2nd
Last
Optional Pad DWORD0
.
.
Optional Pad DWORDn
Optional offset DWORD0
.
.
Optional offset DWORDn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com