Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 138 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 138 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 134Page - SMSC Corporation LAN9312 Datasheet HTML 135Page - SMSC Corporation LAN9312 Datasheet HTML 136Page - SMSC Corporation LAN9312 Datasheet HTML 137Page - SMSC Corporation LAN9312 Datasheet HTML 138Page - SMSC Corporation LAN9312 Datasheet HTML 139Page - SMSC Corporation LAN9312 Datasheet HTML 140Page - SMSC Corporation LAN9312 Datasheet HTML 141Page - SMSC Corporation LAN9312 Datasheet HTML 142Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
Revision 1.2 (04-08-08)
138
SMSC LAN9312
DATASHEET
10.2.1
EEPROM Controller Operation
I2C and Microwire master EEPROM operations are performed using the EEPROM Command Register
(E2P_CMD) and EEPROM Data Register (E2P_DATA).
In Microwire EEPROM mode, the following operations are supported:
ERASE (Erase Location)
ERAL (Erase All)
EWDS (Erase/Write Disable)
EWEN (Erase/Write Enable)
READ (Read Location)
WRITE (Write Location)
WRAL (Write All)
RELOAD (EEPROM Loader Reload - See Section 10.2.4, "EEPROM Loader")
Note:
In I2C EEPROM mode, only a sub-set of the above commands (READ, WRITE, and RELOAD)
are supported.
Note:
The EEPROM Loader uses the READ command only.
The supported commands of each mode are detailed in Section 14.2.4.1, "EEPROM Command
Register (E2P_CMD)," on page 197. Details specific to each EEPROM controller mode (I2C and
Microwire) are explained in Section 10.2.2, "I2C EEPROM" and Section 10.2.3, "Microwire EEPROM"
respectively.
When issuing a WRITE, or WRAL command, the desired data must first be written into the EEPROM
Data Register (E2P_DATA). The WRITE or WRAL command may then be issued by setting the
EPC_COMMAND field of the EEPROM Command Register (E2P_CMD) to the desired command
value. If the operation is a WRITE, the EPC_ADDRESS field in the EEPROM Command Register
(E2P_CMD) must also be set to the desired location. The command is executed when the EPC_BUSY
bit of the EEPROM Command Register (E2P_CMD) is set. The completion of the operation is indicated
when the EPC_BUSY bit is cleared.
When issuing a READ command, the EPC_COMMAND and EPC_ADDRESS fields of the EEPROM
Command Register (E2P_CMD) must be configured with the desired command value and the read
address, respectively. The READ command is executed by setting the EPC_BUSY bit of the EEPROM
Command Register (E2P_CMD). The completion of the operation is indicated when the EPC_BUSY
bit is cleared, at which time the data from the EEPROM may be read from the EEPROM Data Register
(E2P_DATA).
Other EEPROM operations (EWDS, EWEN, ERASE, ERAL, RELOAD) are performed by writing the
appropriate command into the EPC_COMMAND field of the EEPROM Command Register
(E2P_CMD). The command is executed by setting the EPC_BUSY bit of the EEPROM Command
Register (E2P_CMD). In all cases, the software must wait for the EPC_BUSY bit to clear before
modifying the EEPROM Command Register (E2P_CMD).
Note:
The EEPROM device powers-up in the erase/write disabled state. To modify the contents of
the EEPROM, the EWEN command must first be issued.
If an operation is attempted and the EEPROM device does not respond within 30mS, the LAN9312
will time-out, and the EPC_TIMEOUT bit of the EEPROM Command Register (E2P_CMD) will be set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com