| Electronic Components Datasheet Search |
|
LAN9312 Datasheet(PDF) 141 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
LAN9312 Datasheet(HTML) 141 Page - SMSC Corporation |
|
141 / 458 page ![]() High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface Datasheet SMSC LAN9312 141 Revision 1.2 (04-08-08) DATASHEET Figure 10.2 displays the various bus states of a typical I2C cycle. 10.2.2.2 I2C EEPROM Device Addressing The I2C EEPROM is addressed for a read or write operation by first sending a control byte followed by the address byte or bytes. The control byte is preceded by a start condition. The control byte and address byte(s) are each acknowledged by the EEPROM slave. If the EEPROM slave fails to send an acknowledge, then the sequence is aborted and the EPC_TIMEOUT bit of the EEPROM Command Register (E2P_CMD) is set. The control byte consists of a 4-bit control code, 3-bits of chip/block select and one direction bit. The control code is 1010b. For single byte addressing EEPROMs, the chip/block select bits are used for address bits 10, 9, and 8. For double byte addressing EEPROMs, the chip/block select bits are set low. The direction bit is set low to indicate the address is being written. Figure 10.3 illustrates typical I2C EEPROM addressing bit order for single and double byte addressing. Figure 10.2 I2C Cycle Figure 10.3 I2C EEPROM Addressing EE_SDA EE_SCL S Start Condition P Stop Condition Data Valid or Ack Data Valid or Ack data stable data can change data stable data can change Sr Re-Start Condition data can change data can change S 1 0 1 0 A 1 0 A 9 A 8 0 R/~W Control Byte A 7 A 6 A 5 A 4 A 3 A 2 A 1 A 0 A C K A C K Chip / Block Select Bits S 1 0 1 0 0 Control Byte A C K A C K Single Byte Addressing Double Byte Addressing A 7 A 6 A 5 A 4 A 3 A 2 A 1 A 0 A C K Address Byte Address Low Byte Address High Byte A 9 A 8 0 0 0 A 1 5 A 1 4 A 1 3 A 1 2 A 1 1 A 1 0 R/~W Chip / Block Select Bits |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |