Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 145 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 145 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 141Page - SMSC Corporation LAN9312 Datasheet HTML 142Page - SMSC Corporation LAN9312 Datasheet HTML 143Page - SMSC Corporation LAN9312 Datasheet HTML 144Page - SMSC Corporation LAN9312 Datasheet HTML 145Page - SMSC Corporation LAN9312 Datasheet HTML 146Page - SMSC Corporation LAN9312 Datasheet HTML 147Page - SMSC Corporation LAN9312 Datasheet HTML 148Page - SMSC Corporation LAN9312 Datasheet HTML 149Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
SMSC LAN9312
145
Revision 1.2 (04-08-08)
DATASHEET
10.2.3.2
ERASE (Erase Location)
If erase/write operations are enabled in the EEPROM, this command will erase the location selected
by the EPC_ADDRESS field of the EEPROM Command Register (E2P_CMD). The EPC_TIMEOUT
bit is set if the EEPROM does not respond within 30mS.
EWDS
1
00
0 0 X X X X X X X
-
Hi-Z
12
EWEN
1
00
1 1 X X X X X X X
-
Hi-Z
12
READ
1
10
A8 A7 A6 A5 A4 A3 A2 A1 A0
-
D7 - D0
20
WRITE
1
01
A8 A7 A6 A5 A4 A3 A2 A1 A0
D7 - D0
(RDY/~BSY)
20
WRAL
1
00
0 1 X X X X X X X
D7 - D0
(RDY/~BSY)
20
Table 10.6 Microwire Command Set for 11 Address Bits
INST
START
BIT
OPCODE
ADDRESS
DATA TO
EEPROM
DATA FROM
EEPROM
# OF
CLOCKS
ERASE
1
11
A10 A9 A8 A7 A6 A5 A4 A3 A2 A1 A0
-
(RDY/~BSY)
14
ERAL
1
00
1 0 X X X X X X X X X
-
(RDY/~BSY)
14
EWDS
1
00
0 0 X X X X X X X X X
-Hi-Z
14
EWEN
1
00
1 1 X X X X X X X X X
-Hi-Z
14
READ
1
10
A10 A9 A8 A7 A6 A5 A4 A3 A2 A1 A0
-D7 - D0
22
WRITE
1
01
A10 A9 A8 A7 A6 A5 A4 A3 A2 A1 A0
D7 - D0
(RDY/~BSY)
22
WRAL
1
00
0 1 X X X X X X X X X
D7 - D0
(RDY/~BSY)
22
Figure 10.7 EEPROM ERASE Cycle
Table 10.5 Microwire Command Set for 9 Address Bits (continued)
INST
START
BIT
OPCODE
ADDRESS
DATA TO
EEPROM
DATA FROM
EEPROM
# OF
CLOCKS
1
EECLK
EEDI
EEDO
EECS
11
Ax
A0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com