Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 147 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 147 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 143Page - SMSC Corporation LAN9312 Datasheet HTML 144Page - SMSC Corporation LAN9312 Datasheet HTML 145Page - SMSC Corporation LAN9312 Datasheet HTML 146Page - SMSC Corporation LAN9312 Datasheet HTML 147Page - SMSC Corporation LAN9312 Datasheet HTML 148Page - SMSC Corporation LAN9312 Datasheet HTML 149Page - SMSC Corporation LAN9312 Datasheet HTML 150Page - SMSC Corporation LAN9312 Datasheet HTML 151Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
SMSC LAN9312
147
Revision 1.2 (04-08-08)
DATASHEET
10.2.3.5
EWEN (Erase/Write Enable)
This command enables the EEPROM for erase and write operations. The EEPROM will allow erase
and write operations until the EWDS command is sent, or until power is cycled.
Note:
The EEPROM will power-up in the erase/write disabled state. Any erase or write operations
will fail until an EWEN command is issued.
10.2.3.6
READ (Read Location)
This command will cause a read of the EEPROM location pointed to by the EPC_ADDRESS field of
the EEPROM Command Register (E2P_CMD). The result of the read is available in the EEPROM Data
Register (E2P_DATA).
Figure 10.10 EEPROM EWEN Cycle
Figure 10.11 EEPROM READ Cycle
0
10
11
EECLK
EEDI
EEDO
EECS
1
10
Ax
A0
D7
D0
EECLK
EEDI
EEDO
EECS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com