Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 143 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 143 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 139Page - SMSC Corporation LAN9312 Datasheet HTML 140Page - SMSC Corporation LAN9312 Datasheet HTML 141Page - SMSC Corporation LAN9312 Datasheet HTML 142Page - SMSC Corporation LAN9312 Datasheet HTML 143Page - SMSC Corporation LAN9312 Datasheet HTML 144Page - SMSC Corporation LAN9312 Datasheet HTML 145Page - SMSC Corporation LAN9312 Datasheet HTML 146Page - SMSC Corporation LAN9312 Datasheet HTML 147Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
SMSC LAN9312
143
Revision 1.2 (04-08-08)
DATASHEET
Sequential reads are used by the EEPROM Loader. Refer to Section 10.2.4, "EEPROM Loader" for
additional information.
For a register level description of a read operation, refer to Section 10.2.1, "EEPROM Controller
Operation," on page 138.
10.2.2.5
I2C EEPROM Byte Writes
Following the device addressing, a data byte may be written to the EEPROM by outputting the data
after receiving the acknowledge from the EEPROM. The data byte is acknowledged by the EEPROM
slave and the I2C master finishes the write cycle with a stop condition. If the EEPROM slave fails to
send an acknowledge, then the sequence is aborted and the EPC_TIMEOUT bit in the EEPROM
Command Register (E2P_CMD) is set.
Following the data byte write cycle, the I2C master will poll the EEPROM to determine when the byte
write is finished. A start condition is sent followed by a control byte with a control code of 1010b,
chip/block select bits low, and the R/~W bit low. If the EEPROM is finished with the byte write, it will
respond with an acknowledge. Otherwise, it will respond with a no-acknowledge and the I2C master
will repeat the poll. If the acknowledge does not occur within 30mS, a time-out occurs. Once the I2C
master receives the acknowledge, it concludes by sending a start condition, followed by a stop
condition, which will place the EEPROM into standby.
Figure 10.4 illustrates typical I2C EEPROM byte write.
For a register level description of a write operation, refer to Section 10.2.1, "EEPROM Controller
Operation," on page 138.
Figure 10.6 I2C EEPROM Byte Write
A
C
K
Data Byte
P
A
C
K
S 1 0 1 0
0
Control Byte
0 0 0
S 1 0 1 0
0
0 0 0
S 1 0 1 0
0
0 0 0
...
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
A
C
K
A
C
K
A
C
K
S P
Poll Cycle
Poll Cycle
Poll Cycle
Data Cycle
Conclude
R/~W
Chip / Block
Select Bits
R/~W
Chip / Block
Select Bits
R/~W
Chip / Block
Select Bits
Control Byte
Control Byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com