Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 144 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 144 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 140Page - SMSC Corporation LAN9312 Datasheet HTML 141Page - SMSC Corporation LAN9312 Datasheet HTML 142Page - SMSC Corporation LAN9312 Datasheet HTML 143Page - SMSC Corporation LAN9312 Datasheet HTML 144Page - SMSC Corporation LAN9312 Datasheet HTML 145Page - SMSC Corporation LAN9312 Datasheet HTML 146Page - SMSC Corporation LAN9312 Datasheet HTML 147Page - SMSC Corporation LAN9312 Datasheet HTML 148Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
Revision 1.2 (04-08-08)
144
SMSC LAN9312
DATASHEET
10.2.3
Microwire EEPROM
Based on the configuration strap eeprom_type_strap, various sized Microwire EEPROMs are
supported. The varying size ranges are supported by additional bits in the address field
(EPC_ADDRESS) of the EEPROM Command Register (E2P_CMD). Within each size range, the
largest EEPROM uses all the address bits, while the smaller EEPROMs treat the upper address bits
as don’t cares. The EEPROM controller drives all the address bits as requested regardless of the
actual size of the EEPROM. The supported size ranges for Microwire operation are shown in
Table 10.3.
Refer to Section 15.5.10, "Microwire Timing," on page 453 for detailed Microwire timing information.
10.2.3.1
Microwire Master Commands
Table 10.4, Table 10.5, and Table 10.6 detail the Microwire command set, including the number of clock
cycles required, for 7, 9, and 11 address bits respectively. These commands are detailed in the
following sections as well as in Section 14.2.4.1, "EEPROM Command Register (E2P_CMD)," on
page 197.
Table 10.3 Microwire EEPROM Size Ranges
eeprom_size_strap[1:0]
# OF ADDRESS BITS
EEPROM SIZE
EEPROM TYPES
00
7
128 x 8
93xx46A
01
9
256 x 8 and 512 x 8
93xx56A, 93xx66A
10
11
1024 x 8 and 2048 x 8
93xx76A, 93xx86A
11
RESERVED
Table 10.4 Microwire Command Set for 7 Address Bits
INST
START
BIT
OPCODE
ADDRESS
DATA TO
EEPROM
DATA FROM
EEPROM
# OF
CLOCKS
ERASE
1
11
A6 A5 A4 A3 A2 A1 A0
-
(RDY/~BSY)
10
ERAL
1
00
1 0 X X X X X
-
(RDY/~BSY)
10
EWDS
1
00
0 0 X X X X X
-
Hi-Z
10
EWEN
1
00
1 1 X X X X X
-
Hi-Z
10
READ
1
10
A6 A5 A4 A3 A2 A1 A0
-
D7 - D0
18
WRITE
1
01
A6 A5 A4 A3 A2 A1 A0
D7 - D0
(RDY/~BSY)
18
WRAL
1
00
0 1 X X X X X
D7 - D0
(RDY/~BSY)
18
Table 10.5 Microwire Command Set for 9 Address Bits
INST
START
BIT
OPCODE
ADDRESS
DATA TO
EEPROM
DATA FROM
EEPROM
# OF
CLOCKS
ERASE
1
11
A8 A7 A6 A5 A4 A3 A2 A1 A0
-
(RDY/~BSY)
12
ERAL
1
00
1 0 X X X X X X X
-
(RDY/~BSY)
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com