Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 140 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 140 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 136Page - SMSC Corporation LAN9312 Datasheet HTML 137Page - SMSC Corporation LAN9312 Datasheet HTML 138Page - SMSC Corporation LAN9312 Datasheet HTML 139Page - SMSC Corporation LAN9312 Datasheet HTML 140Page - SMSC Corporation LAN9312 Datasheet HTML 141Page - SMSC Corporation LAN9312 Datasheet HTML 142Page - SMSC Corporation LAN9312 Datasheet HTML 143Page - SMSC Corporation LAN9312 Datasheet HTML 144Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
Revision 1.2 (04-08-08)
140
SMSC LAN9312
DATASHEET
controller drives all the address bits as requested regardless of the actual size of the EEPROM. The
supported size ranges for I2C operation are shown in Table 10.2.
Note 10.1
Bits in the control byte are used as the upper address bits.
The I2C master interface runs at the standard-mode rate of 100KHz and is fully compliant with the
Philips I2C-Bus Specification. Refer to the he Philips I2C-Bus Specification for detailed timing
information.
10.2.2.1
I2C Protocol Overview
I2C is a bi-directional 2-wire data protocol. A device that sends data is defined as a transmitter and a
device that receives data is defined as a receiver. The bus is controlled by a master which generates
the EE_SCL clock, controls bus access, and generates the start and stop conditions. Either the master
or slave may operate as a transmitter or receiver as determined by the master.
The following bus states exist:
Idle:
Both EE_SDA and EE_SCL are high when the bus is idle.
Start & Stop Conditions:
A start condition is defined as a high to low transition on the EE_ SDA
line while EE_ SCL is high. A stop condition is defined as a low to high transition on the EE_SDA
line while EE_SCL is high. The bus is considered to be busy following a start condition and is
considered free 4.7uS/1.3uS (for 100KHz and 400KHz operation, respectively) following a stop
condition. The bus stays busy following a repeated start condition (instead of a stop condition).
Starts and repeated starts are otherwise functionally equivalent.
Data Valid:
Data is valid, following the start condition, when EE_SDA is stable while EE_SCL is
high. Data can only be changed while the clock is low. There is one valid bit per clock pulse. Every
byte must be 8 bits long and is transmitted msb first.
Acknowledge:
Each byte of data is followed by an acknowledge bit. The master generates a ninth
clock pulse for the acknowledge bit. The transmitter releases EE_SDA (high). The receiver drives
EE_SDA low so that it remains valid during the high period of the clock, taking into account the
setup and hold times. The receiver may be the master or the slave depending on the direction of
the data. Typically the receiver acknowledges each byte. If the master is the receiver, it does not
generate an acknowledge on the last byte of a transfer. This informs the slave to not drive the next
byte of data so that the master may generate a stop or repeated start condition.
Table 10.2 I2C EEPROM Size Ranges
eeprom_size_strap[0]
# OF ADDRESS BYTES
EEPROM SIZE
EEPROM TYPES
01 (Note 10.1)
16 x 8 through 2048 x 8
24xx00, 24xx01, 24xx02,
24xx04, 24xx08, 24xx16
1
2
4096 x 8 through 65536 x 8
24xx32, 24xx64, 24xx128,
24xx256, 24xx512



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com