Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 142 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 142 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 138Page - SMSC Corporation LAN9312 Datasheet HTML 139Page - SMSC Corporation LAN9312 Datasheet HTML 140Page - SMSC Corporation LAN9312 Datasheet HTML 141Page - SMSC Corporation LAN9312 Datasheet HTML 142Page - SMSC Corporation LAN9312 Datasheet HTML 143Page - SMSC Corporation LAN9312 Datasheet HTML 144Page - SMSC Corporation LAN9312 Datasheet HTML 145Page - SMSC Corporation LAN9312 Datasheet HTML 146Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
Revision 1.2 (04-08-08)
142
SMSC LAN9312
DATASHEET
10.2.2.3
I2C EEPROM Byte Read
Following the device addressing, a data byte may be read from the EEPROM by outputting a start
condition and control byte with a control code of 1010b, chip/block select bits as described in
Section 10.2.2.2, and the R/~W bit high. The EEPROM will respond with an acknowledge, followed by
8-bits of data. If the EEPROM slave fails to send an acknowledge, then the sequence is aborted and
the EPC_TIMEOUT bit in the EEPROM Command Register (E2P_CMD) is set. The I2C master then
sends a no-acknowledge, followed by a stop condition.
Figure 10.4 illustrates typical I2C EEPROM byte read for single and double byte addressing.
For a register level description of a read operation, refer to Section 10.2.1, "EEPROM Controller
Operation," on page 138.
10.2.2.4
I2C EEPROM Sequential Byte Reads
Following the device addressing, data bytes may be read sequentially from the EEPROM by outputting
a start condition and control byte with a control code of 1010b, chip/block select bits as described in
Section 10.2.2.2, and the R/~W bit high. The EEPROM will respond with an acknowledge, followed by
8-bits of data. If the EEPROM slave fails to send an acknowledge, then the sequence is aborted and
the EPC_TIMEOUT bit in the EEPROM Command Register (E2P_CMD) is set. The I2C master then
sends an acknowledge, and the EEPROM responds with the next 8-bits of data. This continues until
the last desired byte is read, at which point the I2C master sends a no-acknowledge, followed by a
stop condition.
Figure 10.4 illustrates typical I2C EEPROM sequential byte reads for single and double byte
addressing.
Figure 10.4 I2C EEPROM Byte Read
Figure 10.5 I2C EEPROM Sequential Byte Reads
S 1 0 1 0
A
1
0
A
9
A
8
Control Byte
A
C
K
S 1 0 1 0
Control Byte
A
C
K
Single Byte Addressing Read
Double Byte Addressing Read
0 0 0
1
Data Byte
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
A
C
K
P
1
Data Byte
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
A
C
K
P
A
C
K
A
C
K
R/~W
Chip / Block
Select Bits
R/~W
Chip / Block
Select Bits
S 1 0 1 0
A
1
0
A
9
A
8
Control Byte
A
C
K
S 1 0 1 0
Control Byte
A
C
K
Single Byte Addressing Sequential Reads
0 0 0
1
Data Byte
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
A
C
K
P
1
Data Byte
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
A
C
K
A
C
K
A
C
K
Data Byte
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
A
C
K
Data Byte
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
A
C
K
P
A
C
K
Data Byte
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
A
C
K
Data Byte
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
Double Byte Addressing Sequential Reads
...
R/~W
Chip / Block
Select Bits
R/~W
Chip / Block
Select Bits
...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com