Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 137 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 137 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 133Page - SMSC Corporation LAN9312 Datasheet HTML 134Page - SMSC Corporation LAN9312 Datasheet HTML 135Page - SMSC Corporation LAN9312 Datasheet HTML 136Page - SMSC Corporation LAN9312 Datasheet HTML 137Page - SMSC Corporation LAN9312 Datasheet HTML 138Page - SMSC Corporation LAN9312 Datasheet HTML 139Page - SMSC Corporation LAN9312 Datasheet HTML 140Page - SMSC Corporation LAN9312 Datasheet HTML 141Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
SMSC LAN9312
137
Revision 1.2 (04-08-08)
DATASHEET
Chapter 10 Serial Management
10.1
Functional Overview
This chapter details the LAN9312 serial management functionality of the I2C/Microwire EEPROM
Controller and the supporting EEPROM Loader.
The I2C/Microwire EEPROM controller is an I2C/Microwire master module which interfaces an optional
external EEPROM with the system register bus and the EEPROM Loader. Multiple types
(I2C/Microwire) and sizes of external EEPROMs are supported. Configuration of the EEPROM type
and size are accomplished via the eeprom_type_strap and eeprom_size_strap[1:0] configuration straps
respectively. Various commands are supported for each EEPROM type, allowing for the storage and
retrieval of static data. The I2C interface conforms to the Philips I2C-Bus Specification.
The EEPROM Loader provides the automatic loading of configuration settings from the EEPROM into
the LAN9312 at reset. The EEPROM Loader module interfaces to the EEPROM Controller, Ethernet
PHYs, and the system CSRs.
10.2
I2C/Microwire Master EEPROM Controller
Based on the configuration strap eeprom_type_strap, the I2C/Microwire EEPROM controller supports
either Microwire or I2C compatible EEPROMs. The I2C/Microwire serial management pins functionality
and characteristics differ dependant on the selected EEPROM type as summarized in Table 10.1.
Note:
When the EEPROM Loader is running, it has exclusive use of the I2C/Microwire EEPROM
controller. Refer to Section 10.2.4, "EEPROM Loader" for more information.
Table 10.1 I2C/Microwire Master Serial Management Pins Characteristics
EEPROM
TYPE/MODE
EE_SDA/EEDI PIN
EEDO PIN
EECS PIN
EE_SCL/EECLK PIN
I2C Master
EEPROM
Mode
eeprom_type_strap
= 1
EE_SDA
Input enabled
(to I2C master)
Open-drain output
(from I2C master)
Pull-down disabled
NOT USED
Input enabled
(used for straps)
Output enabled
(driven low)
NOT USED
Input enabled
(used for straps)
Output enabled
(driven low)
EE_SCL
Input enabled
(to I2C master and
used for straps)
Open-drain output
(from I2C master)
Microwire
Master
EEPROM
Mode
eeprom_type_strap
= 0
EEDI
Input enabled
(to Microwire master)
Output disabled
Pull-down enabled
EEDO
Input enabled
(used for straps)
Output enabled (from
Microwire master)
EECS
Input enabled
(used for straps)
Output enabled (from
Microwire master)
EECLK
Input enabled
(used for straps)
Output enabled (from
Microwire master)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com