Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 149 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 149 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 145Page - SMSC Corporation LAN9312 Datasheet HTML 146Page - SMSC Corporation LAN9312 Datasheet HTML 147Page - SMSC Corporation LAN9312 Datasheet HTML 148Page - SMSC Corporation LAN9312 Datasheet HTML 149Page - SMSC Corporation LAN9312 Datasheet HTML 150Page - SMSC Corporation LAN9312 Datasheet HTML 151Page - SMSC Corporation LAN9312 Datasheet HTML 152Page - SMSC Corporation LAN9312 Datasheet HTML 153Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
SMSC LAN9312
149
Revision 1.2 (04-08-08)
DATASHEET
10.2.4
EEPROM Loader
The EEPROM Loader interfaces to the I2C/Microwire EEPROM controller, the PHYs, and to the system
CSRs (via the Register Access MUX). Only system CSRs at addresses 100h and above are accessible
to the EEPROM Loader (with the addition of the PHY Management Interface Data Register
(PMI_DATA) and PHY Management Interface Access Register (PMI_ACCESS) at addresses A4 and
A8 respectively).
The EEPROM Loader runs upon a pin reset (nRST), power-on reset (POR), digital reset
(DIGITAL_RST bit in the Reset Control Register (RESET_CTL)), or upon the issuance of a RELOAD
command via the EEPROM Command Register (E2P_CMD). A soft reset will run the EEPROM
Loader, but only the MAC address is loaded into the Host MAC. Refer to Section 4.2, "Resets," on
page 36 for additional information on the LAN9312 resets.
The EEPROM contents must be loaded in a specific format for use with the EEPROM Loader. An
overview of the EEPROM content format is shown in Table 10.7. Each section of EEPROM contents
is discussed in detail in the following sections.
10.2.4.1
EEPROM Loader Operation
Upon a pin reset (nRST), power-on reset (POR), digital reset (DIGITAL_RST bit in the Reset Control
Register (RESET_CTL)), or upon the issuance of a RELOAD command via the EEPROM Command
Register (E2P_CMD), the EPC_BUSY bit in the EEPROM Command Register (E2P_CMD) will be set.
While the EEPROM Loader is active, the READY bit of the Hardware Configuration Register
(HW_CFG) and Power Management Control Register (PMT_CTRL) is cleared and no writes to the
LAN9312 should be attempted. The operational flow of the EEPROM Loader can be seen in
Figure 10.14.
Table 10.7 EEPROM Contents Format Overview
EEPROM ADDRESS
DESCRIPTION
VALUE
0
EEPROM Valid Flag
A5h
1
MAC Address Low Word [7:0]
1st Byte on the Network
2
MAC Address Low Word [15:8]
2nd Byte on the Network
3
MAC Address Low Word [23:16]
3rd Byte on the Network
4
MAC Address Low Word [31:24]
4th Byte on the Network
5
MAC Address High Word [7:0]
5th Byte on the Network
6
MAC Address High Word [15:8]
6th Byte on the Network
7
Configuration Strap Values Valid Flag
A5h
8 - 11
Configuration Strap Values
See Table 10.8
12
Burst Sequence Valid Flag
A5h
13
Number of Bursts
See Section 10.2.4.5,
"Register Data"
14 and above
Burst Data
See Section 10.2.4.5,
"Register Data"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com