Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 153 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 153 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 149Page - SMSC Corporation LAN9312 Datasheet HTML 150Page - SMSC Corporation LAN9312 Datasheet HTML 151Page - SMSC Corporation LAN9312 Datasheet HTML 152Page - SMSC Corporation LAN9312 Datasheet HTML 153Page - SMSC Corporation LAN9312 Datasheet HTML 154Page - SMSC Corporation LAN9312 Datasheet HTML 155Page - SMSC Corporation LAN9312 Datasheet HTML 156Page - SMSC Corporation LAN9312 Datasheet HTML 157Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
SMSC LAN9312
153
Revision 1.2 (04-08-08)
DATASHEET
8-bits number_of_bursts
repeat (number_of_bursts)
16-bits {starting_address[9:2] / count[7:0]}
repeat (count)
8-bits data[31:24], 8-bits data[23:16], 8-bits data[15:8], 8-bits data[7:0]
Note:
The starting address is a DWORD address. Appending two 0 bits will form the register address.
As an example, the following is a 3 burst sequence, with 1, 2, and 3 DWORDs starting at register
addresses 40h, 80h, and C0h respectively:
A5h,
(Burst Sequence Valid Flag)
3h,
(number_of_bursts)
16{10h, 1h},
(starting_address1 divided by 4 / count1)
11h, 12h, 13h, 14h,
(4 x count1 of data)
16{20h, 2h},
(starting_address2 divided by 4 / count2)
21h, 22h, 23h, 24h, 25h, 26h, 27h, 28h,
(4 x count2 of data)
16{30h, 3h},
(starting_address3 divided by 4 / count3)
31h, 32h, 33h, 34h, 35h, 36h, 37h, 38h, 39h, 3Ah, 3Bh, 3Ch
(4 x count3 of data)
In order to avoid overwriting the Switch CSR register interface or the PHY Management Interface
(PMI), the EEPROM Loader waits until the CSR Busy bit of the Switch Fabric CSR Interface Command
Register (SWITCH_CSR_CMD) and the MII Busy bit of the PHY Management Interface Access
Register (PMI_ACCESS) are cleared before performing any register write.
The EEPROM Loader checks that the EEPROM address space is not exceeded. If so, it will stop and
set the EEPROM Loader Address Overflow bit in the EEPROM Command Register (E2P_CMD). The
address limit is based on the eeprom_size_strap which specifies a range of sizes. The address limit
is set to the largest value of the specified range.
10.2.4.6
EEPROM Loader Finished Wait-State
Once finished with the last burst, the EEPROM Loader will go into a wait-state and the EPC_BUSY
bit of the EEPROM Command Register (E2P_CMD) will be cleared.
10.2.4.7
Reset Sequence and EEPROM Loader
In order to allow the EEPROM Loader to change the Port 1/2 PHYs and Virtual PHY strap inputs and
maintain consistency with the PHY and Virtual PHY registers, the following sequence is used:
1. After power-up or upon a hardware reset (nRST), the straps are sampled into the LAN9312 as
specified in Section 15.5.2, "Reset and Configuration Strap Timing," on page 445.
2. After the PLL is stable, the main chip reset is released and the EEPROM Loader reads the
EEPROM and configures (overrides) the strap inputs.
3. The EEPROM Loader writes select Port 1/2 and Virtual PHY registers, as specified in
Section 10.2.4.4.1 and Section 10.2.4.4.2, respectively.
Note:
Step 3 is also performed in the case of a RELOAD command or digital reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com