Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 152 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 152 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 148Page - SMSC Corporation LAN9312 Datasheet HTML 149Page - SMSC Corporation LAN9312 Datasheet HTML 150Page - SMSC Corporation LAN9312 Datasheet HTML 151Page - SMSC Corporation LAN9312 Datasheet HTML 152Page - SMSC Corporation LAN9312 Datasheet HTML 153Page - SMSC Corporation LAN9312 Datasheet HTML 154Page - SMSC Corporation LAN9312 Datasheet HTML 155Page - SMSC Corporation LAN9312 Datasheet HTML 156Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
Revision 1.2 (04-08-08)
152
SMSC LAN9312
DATASHEET
The Port x PHY Auto-Negotiation Advertisement Register (PHY_AN_ADV_x) is written with the new
defaults as detailed in Section 14.4.2.5, "Port x PHY Auto-Negotiation Advertisement Register
(PHY_AN_ADV_x)," on page 294.
The Port x PHY Special Modes Register (PHY_SPECIAL_MODES_x) is written with the new defaults
as detailed in Section 14.4.2.9, "Port x PHY Special Modes Register (PHY_SPECIAL_MODES_x)," on
page 301.
The Port x PHY Basic Control Register (PHY_BASIC_CONTROL_x) is written with the new defaults
as detailed in Section 14.4.2.1, "Port x PHY Basic Control Register (PHY_BASIC_CONTROL_x)," on
page 288. Additionally, the Restart Auto-negotiation bit is set in this register. This re-runs the Auto-
negotiation using the new default values of the Port x PHY Auto-Negotiation Advertisement Register
(PHY_AN_ADV_x) register to determine the new Auto-negotiation results.
Note:
Each of these PHY registers is written in its entirety, overwriting any previously changed bits.
10.2.4.4.2
VIRTUAL PHY REGISTERS SYNCHRONIZATION
Some PHY register defaults are based on configuration straps. In order to maintain consistency
between the updated configuration strap registers and the Virtual PHY registers, the Virtual PHY Auto-
Negotiation Advertisement Register (VPHY_AN_ADV), Virtual PHY Special Control/Status Register
( VPHY _ SPE CIA L_CONTROL_STATUS ) , and V i rtual PHY Basic Control Regist er
(VPHY_BASIC_CTRL) are written when the EEPROM Loader is run.
The Virtual PHY Auto-Negotiation Advertisement Register (VPHY_AN_ADV) is written with the new
defaults as detailed in Section 14.2.8.5, "Virtual PHY Auto-Negotiation Advertisement Register
(VPHY_AN_ADV)," on page 252.
The Virtual PHY Special Control/Status Register (VPHY_SPECIAL_CONTROL_STATUS) is written
with the new defaults as detailed in Section 14.2.8.8, "Virtual PHY Special Control/Status Register
(VPHY_SPECIAL_CONTROL_STATUS)," on page 257.
The Virtual PHY Basic Control Register (VPHY_BASIC_CTRL) is written with the new defaults as
detailed in Section 14.2.8.1, "Virtual PHY Basic Control Register (VPHY_BASIC_CTRL)," on page 246.
Additionally, the Restart Auto-negotiation bit is set in this register. This re-runs the Auto-negotiation
using the new default values of the Virtual PHY Auto-Negotiation Advertisement Register
(VPHY_AN_ADV) register to determine the new Auto-negotiation results.
Note:
Each of these VPHY registers is written in its entirety, overwriting any previously changed bits.
10.2.4.4.3
LED AND MANUAL FLOW CONTROL REGISTER SYNCHRONIZATION
Since the defaults of the LED Configuration Register (LED_CFG), Port 1 Manual Flow Control Register
(MANUAL_FC_1), Port 2 Manual Flow Control Register (MANUAL_FC_2), and Port 0(Host MAC)
Manual Flow Control Register (MANUAL_FC_MII) are based on configuration straps, the EEPROM
Loader reloads these registers with their new default values.
10.2.4.5
Register Data
Optionally following the configuration strap values, the EEPROM data may be formatted to allow
access to the LAN9312 parallel, directly writable registers. Access to indirectly accessible registers
(e.g. Switch Engine registers, etc.) is achievable with an appropriate sequence of writes (at the cost
of EEPROM space).
This data is first preceded with a Burst Sequence Valid Flag (EEPROM byte 12). If this byte has a
value of A5h, the data that follows is recognized as a sequence of bursts. Otherwise, the EEPROM
Loader is finished, will go into a wait state, and clear the EPC_BUSY bit in the EEPROM Command
Register (E2P_CMD). This can optionally generate an interrupt.
The data at EEPROM byte 13 and above should be formatted in a sequence of bursts. The first byte
is the total number of bursts. Following this is a series of bursts, each consisting of a starting address,
count, and the count x 4 bytes of data. This results in the following formula for formatting register data:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com