Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 156 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 156 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 152Page - SMSC Corporation LAN9312 Datasheet HTML 153Page - SMSC Corporation LAN9312 Datasheet HTML 154Page - SMSC Corporation LAN9312 Datasheet HTML 155Page - SMSC Corporation LAN9312 Datasheet HTML 156Page - SMSC Corporation LAN9312 Datasheet HTML 157Page - SMSC Corporation LAN9312 Datasheet HTML 158Page - SMSC Corporation LAN9312 Datasheet HTML 159Page - SMSC Corporation LAN9312 Datasheet HTML 160Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
Revision 1.2 (04-08-08)
156
SMSC LAN9312
DATASHEET
11.2
IEEE 1588 Time Stamp
The LAN9312 contains three identical IEEE 1588 Time Stamp blocks as shown in Figure 11.1. These
blocks are responsible for capturing the source UUID, sequence ID, and current 64-bit IEEE 1588 clock
time upon detection of a Sync or Delay_Req message type on their respective port. The mode of the
clock (master or slave) determines which message is detected on receive and transmit. For slave clock
operation, Sync messages are detected on receive and Delay_Req messages on transmit. For master
clock operation, Delay_Req messages are detected on receive and Sync messages on transmit.
Follow_Up, Delay_Resp and Management packet types do not cause capture. Each port may be
individually configured as an IEEE 1588 master or slave clock via the master/slave bits (M_nS_1 for
Port 1, MnS_2 for Port2, and M_nS_MII for Port 0) in the 1588 Configuration Register (1588_CONFIG).
Table 11.1 summarizes the message type detection under slave and master IEEE 1588 clock
operation.
For ports 1 and 2, receive is defined as data from the PHY (from the outside world) and transmit is
defined as data to the PHY. This is consistent with the point-of-view of where the partner clock resides
(LAN9312 receives packets from the partner via the PHY, etc.). For the time stamp module connected
to the Host MAC (Port 0), the definition of transmit and receive is reversed. Receive is defined as data
from
the switch fabric, while transmit is defined as data to the switch fabric. This is consistent with the
point-of-view of where the partner clock resides (LAN9312 receives packets from the partner via the
switch fabric, etc.).
As defined by IEEE 1588, and shown in Figure 11.2, the message time stamp point is defined as the
leading edge of the first data bit following the Start of Frame Delimiter (SFD). However, since the
packet contents are not yet known, the time stamp can not yet be loaded into the capture register.
Therefore, the time stamp is first stored into a temporary internal holding register at the start of every
packet.
Table 11.1 IEEE 1588 Message Type Detection
IEEE 1588 CLOCK MODE
RECEIVE
TRANSMIT
Slave
(M_nS_x = 0)
Sync
Delay_Req
Master
(M_nS_x = 1)
Delay_Req
Sync
Figure 11.2 IEEE 1588 Message Time Stamp Point
bit time
0
1
0
1
0
1
0
1
0
1
0
1
1
1
0
0
0
0
0
0
0
0
0
0
0
0
0
Preamble
Octet
Ethernet
Start of Frame
Delimiter
First Octet
following
Start of Frame
Message Timestamp
Point



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com