Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 158 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 158 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 154Page - SMSC Corporation LAN9312 Datasheet HTML 155Page - SMSC Corporation LAN9312 Datasheet HTML 156Page - SMSC Corporation LAN9312 Datasheet HTML 157Page - SMSC Corporation LAN9312 Datasheet HTML 158Page - SMSC Corporation LAN9312 Datasheet HTML 159Page - SMSC Corporation LAN9312 Datasheet HTML 160Page - SMSC Corporation LAN9312 Datasheet HTML 161Page - SMSC Corporation LAN9312 Datasheet HTML 162Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
Revision 1.2 (04-08-08)
158
SMSC LAN9312
DATASHEET
11.2.2
PTP Message Detection
In order to provide the most flexibility, loose packet type matching is used by the LAN9312. This
assumes that for all packets received with a valid FCS, only the MAC destination address is required
to qualify them as a PTP message. For Ethernet, four multicast addresses are specified in the PTP
protocol: 224.0.1.129 through 224.0.1.132. These map to Ethernet MAC addresses 01:00:5e:00:01:81
through 01:00:5e:00:01:84. Each of these addresses has one enable bit per port in the 1588
Configuration Register (1588_CONFIG) which enables/disables the corresponding address as a PTP
address on the specified port.
In addition to the fixed addresses, a user defined (host programmable) PTP address may be input via
the 1588 Auxiliary MAC Address High-WORD Register (1588_AUX_MAC_HI) and 1588 Auxiliary MAC
Address Low-DWORD Register (1588_AUX_MAC_LO). The user defined address may be
disabled/enabled as a PTP address on each port via the dedicated enable bits in the 1588
Configuration Register (1588_CONFIG). A summary of the supported PTP multicast addresses and
corresponding enable bits can be seen in Table 11.3.
Once a packet is determined to match a PTP destination address, it is further qualified as a Sync or
Delay_Req message type. On Ethernet, PTP uses UDP messages. Within the UDP payload is the PTP
control byte (offset 32 starting at 0). This byte determines the message type: 0x00 for a Sync message,
0x01 for a Delay_Req message. The UDP payload starts at packet byte offset 42 (from 0) for untagged
packets and at byte offset 46 for tagged packets.
Note:
Both tagged and untagged packets are supported. Only Ethernet II packet encoding and IPv4
are supported.
Note:
For proper routing of the PTP packets, the host must program an entry into the switch engine
Address Logic Resolution (ALR) Table. The MAC address should be one of the reserved
Multicast addresses in Table 11.3, with Port 0(Host MAC) as a destination.The Static and Valid
bits must also be set. Refer to Chapter 6, "Switch Fabric," on page 55 for more information.
Table 11.3 PTP Multicast Addresses
PTP ADDRESS
CORRESPONDING
MAC ADDRESS
RELATED ENABLE BITS IN THE
1588_CONFIG REGISTER
224.0.1.129
(Primary)
01:00:5e:00:01:81
MAC_PRI_EN_1 (Port 1)
MAC_PRI_EN_2 (Port 2)
MAC_PRI_EN_MII (Port 0)
224.0.1.130
(Alternate 1)
01:00:5e:00:01:82
MAC_ALT1_EN_1 (Port 1)
MAC_ALT1_EN_2 (Port 2)
MAC_ALT1_EN_MII (Port 0)
224.0.1.131
(Alternate 2)
01:00:5e:00:01:83
MAC_ALT2_EN_1 (Port 1)
MAC_ALT2_EN_2 (Port 2)
MAC_ALT2_EN_MII (Port 0)
224.0.1.132
(Alternate 3)
01:00:5e:00:01:84
MAC_ALT3_EN_1 (Port 1)
MAC_ALT3_EN_2 (Port 2)
MAC_ALT3_EN_MII (Port 0)
User Defined
User Defined Address
(1588_AUX_MAC_HI &
1588_AUX_MAC_LO registers)
MAC_USER_EN_1 (Port 1)
MAC_USER_EN_2 (Port 2)
MAC_USER_EN_MII (Port 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com