Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 161 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 161 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 157Page - SMSC Corporation LAN9312 Datasheet HTML 158Page - SMSC Corporation LAN9312 Datasheet HTML 159Page - SMSC Corporation LAN9312 Datasheet HTML 160Page - SMSC Corporation LAN9312 Datasheet HTML 161Page - SMSC Corporation LAN9312 Datasheet HTML 162Page - SMSC Corporation LAN9312 Datasheet HTML 163Page - SMSC Corporation LAN9312 Datasheet HTML 164Page - SMSC Corporation LAN9312 Datasheet HTML 165Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
SMSC LAN9312
161
Revision 1.2 (04-08-08)
DATASHEET
Chapter 12 General Purpose Timer & Free-Running Clock
This chapter details the LAN9312 General Purpose Timer (GPT) and the Free-Running Clock.
12.1
General Purpose Timer
The LAN9312 provides a 16-bit programmable General Purpose Timer that can be used to generate
periodic system interrupts. The resolution of this timer is 100uS.
The GPT loads the General Purpose Timer Count Register (GPT_CNT) with the value in the
GPT_LOAD field of the General Purpose Timer Configuration Register (GPT_CFG) when the
TIMER_EN bit of the General Purpose Timer Configuration Register (GPT_CFG) is asserted (1). On
a chip-level reset, or when the TIMER_EN bit changes from asserted (1) to de-asserted (0), the
GPT_LOAD field is initialized to FFFFh. The General Purpose Timer Count Register (GPT_CNT) is
also initialized to FFFFh on reset. Software can write a pre-load value into the GPT_LOAD field at any
time (e.g. before or after the TIMER_EN bit is asserted).
Once enabled, the GPT counts down until it reaches 0000h, or until a new pre-load value is written to
the GPT_LOAD field. At 0000h, the counter wraps around to FFFFh, asserts the GPT interrupt status
bit (GPT_INT) in the Interrupt Status Register (INT_STS), asserts the IRQ interrupt (if GPT_INT_EN is
set in the Interrupt Status Register (INT_STS)), and continues counting. GPT_INT is a sticky bit. Once
this bit is asserted, it can only be cleared by writing a 1 to the bit. Refer to Section 5.2.7, "General
Purpose Timer Interrupt," on page 53 for additional information on the GPT interrupt.
12.2
Free-Running Clock
The Free-Running Clock (FRC) is a simple 32-bit up-counter that operates from a fixed 25MHz clock.
The current FRC value can be read via the Free Running 25MHz Counter Register (FREE_RUN). On
assertion of a chip-level reset, this counter is cleared to zero. On de-assertion of a reset, the counter
is incremented once for every 25MHz clock cycle. When the maximum count has been reached, the
counter rolls over to zeros. The FRC does not generate interrupts.
Note:
The free running counter can take up to 160nS to clear after a reset event.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com