Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 164 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 164 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 160Page - SMSC Corporation LAN9312 Datasheet HTML 161Page - SMSC Corporation LAN9312 Datasheet HTML 162Page - SMSC Corporation LAN9312 Datasheet HTML 163Page - SMSC Corporation LAN9312 Datasheet HTML 164Page - SMSC Corporation LAN9312 Datasheet HTML 165Page - SMSC Corporation LAN9312 Datasheet HTML 166Page - SMSC Corporation LAN9312 Datasheet HTML 167Page - SMSC Corporation LAN9312 Datasheet HTML 168Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
Revision 1.2 (04-08-08)
164
SMSC LAN9312
DATASHEET
GPIO_INT_POL[9:8] bits also determine the polarity of the clock events as described in
Section 13.2.1.2.
13.2.2.2
IEEE 1588 GPIO Interrupts
In addition to the standard GPIO interrupts in the General Purpose I/O Interrupt Status and Enable
Register (GPIO_INT_STS_EN), the IEEE 1588 timestamp enabled GPIO[9:8] pins contain the ability
to generate and clear specific IEEE 1588 related interrupts. When GPIO 9 or GPIO 8 are enabled as
inputs and an active edge occurs, the IEEE 1588 clock capture is indicated by the 1588_GPIO9_INT
and 1588_GPIO8_INT interrupts respectively in the 1588 Interrupt Status and Enable Register
(1588_INT_STS_EN). These interrupts are enabled by setting the corresponding 1588_GPIO9_EN
and 1588_GPIO8_EN bits in the 1588 Interrupt Status and Enable Register (1588_INT_STS_EN).
GPIO inputs must be active for greater than 40nS to be recognized as capture events.
When GPIO 8 and GPIO 9 are enabled, the 1588 Timer Interrupt bit (1588_TIMER_INT) of the 1588
Interrupt Status and Enable Register (1588_INT_STS_EN) can be cleared by an active edge on
GPIO[9:8]. A clear is only registered when the GPIO input is active for greater than 40nS.
13.3
LED Operation
Eight pins, GPIO[7:0], are shared with LED functions (nP1LED[3:0] and nP2LED[3:0]). These pins are
configured as LED outputs by setting the corresponding LED_EN bit in the LED Configuration Register
(LED_CFG). When configured as a LED, the pin is an open-drain, active-low output and the GPIO
related input buffer and pull-up are disabled. The LED outputs are always active low. As a result, a
low signal on the LED pin equates to the LED “on”, and a high signal equates to the LED “off”.
The functions associated with each LED pin are configurable via the LED_FUN[1:0] bits of the LED
Configuration Register (LED_CFG). These bits allow the configuration of each LED pin to indicate
various port related functions. These functions are described in Table 13.1 followed by a detailed
definition of each indication type.
The default values of the LED_FUN[1:0] and LED_EN[7:0] bits of the LED Configuration Register
(LED_CFG) are determined by the LED_fun_strap[1:0] and LED_en_strap[7:0] configuration straps.
For more information on the LED Configuration Register (LED_CFG) and its related straps, refer to
Section 14.2.3.4, "LED Configuration Register (LED_CFG)," on page 196.
Table 13.1 LED Operation as a Function of LED_CFG[9:8]
LED_CFG[9:8] (LED_FUN[1:0])
00b
01b
10b
11b
nP2LED3
(GPIO7)
RX
Port 0
RX
Port 0
Activity
Port 2
-
nP2LED2
(GPIO6)
Link / Activity
Port 2
100Link / Activity
Port 2
Link
Port 2
-
nP2LED1
(GPIO5)
Full-duplex / Collision
Port 2
Full-duplex / Collision
Port 2
Full-duplex / Collision
Port 2
TXEN
Port 2
nP2LED0
(GPIO4)
Speed
Port 2
10Link / Activity
Port 2
Speed
Port 2
RXDV
Port 2
nP1LED3
(GPIO3)
TX
Port 0
TX
Port 0
Activity
Port 1
TXEN
Port 0
nP1LED2
(GPIO2)
Link / Activity
Port 1
100Link / Activity
Port 1
Link
Port 1
RXDV
Port 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com