Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 167 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 167 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 163Page - SMSC Corporation LAN9312 Datasheet HTML 164Page - SMSC Corporation LAN9312 Datasheet HTML 165Page - SMSC Corporation LAN9312 Datasheet HTML 166Page - SMSC Corporation LAN9312 Datasheet HTML 167Page - SMSC Corporation LAN9312 Datasheet HTML 168Page - SMSC Corporation LAN9312 Datasheet HTML 169Page - SMSC Corporation LAN9312 Datasheet HTML 170Page - SMSC Corporation LAN9312 Datasheet HTML 171Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
SMSC LAN9312
167
Revision 1.2 (04-08-08)
DATASHEET
14.1
TX/RX FIFO Ports
The LAN9312 contains four host-accessible FIFO’s: TX Status, RX Status, TX Data, and RX Data.
These FIFO’s store the incoming and outgoing address and data information, acting as a conduit
between the host bus interface (HBI) and the Host MAC. The sizes of these FIFO’s are configurable
via the Hardware Configuration Register (HW_CFG). Refer to Section 9.7.3, "FIFO Memory Allocation
Configuration," on page 121 for additional information on FIFO size configuration.
For additional information on the FIFO configuration registers accessible via the Host Bus Interface,
refer to their respective register definitions located in section Section 14.2.2, "Host MAC & FIFO’s".
14.1.1
TX/RX Data FIFO’s
The TX and RX Data FIFO ports have the base address of 020h and 000h respectively. However, each
FIFO is also accessible at seven additional contiguous memory locations, as can be seen in
Figure 14.1. The Host may access the TX or RX Data FIFO’s at any of these alias port locations, as
they all function identically and contain the same data. This alias port addressing is implemented to
allow hosts to burst through sequential addresses.
14.1.2
TX/RX Status FIFO’s
The TX and RX Status FIFO’s can each be read from two register locations; the Status FIFO Port, and
the Status FIFO PEEK. The TX and RX Status FIFO Ports (048h and 040h respectively) will perform
a destructive read, popping the data from the TX or RX Status FIFO. The TX and RX Status FIFO
PEEK register locations (04Ch and 044h respectively) allow a non-destructive read of the top (oldest)
location of the FIFO’s.
14.1.3
Direct FIFO Access Mode
When the FIFO_SEL pin is driven high, the LAN9312 enters the direct FIFO access mode. In this
mode, all host write operations are to the TX Data FIFO and all host read operations are from the RX
Data FIFO. When FIFO_SEL is asserted, only the A[2] host address signal is decoded. All other
address signals are ignored in this mode. When the endianess select pin (END_SEL) is low, the TX/RX
Data FIFO’s are accessed in little endian mode. When END_SEL is high, the TX/RX Data FIFO’s are
accessed in big endian mode. The A[2] input is used during Data FIFO direct PIO burst cycles to
delimit DWORD accesses. For more information on endianess selection, refer to section Section 8.3,
"Host Endianess".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com