Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 171 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 171 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 167Page - SMSC Corporation LAN9312 Datasheet HTML 168Page - SMSC Corporation LAN9312 Datasheet HTML 169Page - SMSC Corporation LAN9312 Datasheet HTML 170Page - SMSC Corporation LAN9312 Datasheet HTML 171Page - SMSC Corporation LAN9312 Datasheet HTML 172Page - SMSC Corporation LAN9312 Datasheet HTML 173Page - SMSC Corporation LAN9312 Datasheet HTML 174Page - SMSC Corporation LAN9312 Datasheet HTML 175Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
SMSC LAN9312
171
Revision 1.2 (04-08-08)
DATASHEET
1A0h
MANUAL_FC_1
Port 1 Manual Flow Control Register, Section 14.2.6.1
1A4h
MANUAL_FC_2
Port 2 Manual Flow Control Register, Section 14.2.6.2
1A8h
MANUAL_FC_MII
Port 0 Flow Control Register, Section 14.2.6.3
1ACh
SWITCH_CSR_DATA
Switch Fabric CSR Interface Data Register,
Section 14.2.6.4
1B0h
SWITCH_CSR_CMD
Switch Fabric CSR Interface Command Register,
Section 14.2.6.5
1B4h
E2P_CMD
EEPROM Command Register, Section 14.2.4.1
1B8h
E2P_DATA
EEPROM Data Register, Section 14.2.4.2
1BCh
LED_CFG
LED Configuration Register, Section 14.2.3.4
1C0h
VPHY_BASIC_CTRL
Virtual PHY Basic Control Register, Section 14.2.8.1
1C4h
VPHY_BASIC_STATUS
Virtual PHY Basic Status Register, Section 14.2.8.2
1C8h
VPHY_ID_MSB
Virtual PHY Identification MSB Register, Section 14.2.8.3
1CCh
VPHY_ID_LSB
Virtual PHY Identification LSB Register, Section 14.2.8.4
1D0h
VPHY_AN_ADV
Virtual PHY Auto-Negotiation Advertisement Register,
Section 14.2.8.5
1D4h
VPHY_AN_LP_BASE_ABILITY
Virtual PHY Auto-Negotiation Link Partner Base Page
Ability Register, Section 14.2.8.6
1D8h
VPHY_AN_EXP
Virtual PHY Auto-Negotiation Expansion Register,
Section 14.2.8.7
1DCh
VPHY_SPECIAL_CONTROL_STATUS
Virtual PHY Special Control/Status Register,
Section 14.2.8.8
1E0h
GPIO_CFG
General Purpose I/O Configuration Register,
Section 14.2.3.1
1E4h
GPIO_DATA_DIR
General Purpose I/O Data & Direction Register,
Section 14.2.3.2
1E8h
GPIO_INT_STS_EN
General Purpose I/O Interrupt Status and Enable Register,
Section 14.2.3.3
1ECh
RESERVED
Reserved for Future Use
1F0h
SWITCH_MAC_ADDRH
Switch MAC Address High Register, Section 14.2.6.6
1F4h
SWITCH_MAC_ADDRL
Switch MAC Address Low Register, Section 14.2.6.7
1F8h
RESET_CTL
Reset Control Register, Section 14.2.9.8
1FCh
RESERVED
Reserved for Future Use
200h-2DCh
SWITCH_CSR_DIRECT_DATA
Switch Engine CSR Interface Direct Data Register,
Section 14.2.6.8
2E0h-3FFh
RESERVED
Reserved for Future Use
Table 14.1 System Control and Status Registers (continued)
ADDRESS
OFFSET
SYMBOL
REGISTER NAME



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com