Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 174 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 174 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 170Page - SMSC Corporation LAN9312 Datasheet HTML 171Page - SMSC Corporation LAN9312 Datasheet HTML 172Page - SMSC Corporation LAN9312 Datasheet HTML 173Page - SMSC Corporation LAN9312 Datasheet HTML 174Page - SMSC Corporation LAN9312 Datasheet HTML 175Page - SMSC Corporation LAN9312 Datasheet HTML 176Page - SMSC Corporation LAN9312 Datasheet HTML 177Page - SMSC Corporation LAN9312 Datasheet HTML 178Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
Revision 1.2 (04-08-08)
174
SMSC LAN9312
DATASHEET
14.2.1.2
Interrupt Status Register (INT_STS)
This register contains the current status of the generated interrupts. A value of 1 indicates the
corresponding interrupt conditions have been met, while a value of 0 indicates the interrupt conditions
have not been met. The bits of this register reflect the status of the interrupt source regardless of
whether the source has been enabled as an interrupt in the Interrupt Enable Register (INT_EN). Where
indicated as R/WC, writing a 1 to the corresponding bits acknowledges and clears the interrupt.
Offset:
058h
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31
Software Interrupt (SW_INT)
This interrupt is generated when the SW_INT_EN bit of the Interrupt Enable
Register (INT_EN) is set high. Writing a one clears this interrupt.
R/WC
0b
30
Device Ready (READY)
This interrupt indicates that the LAN9312 is ready to be accessed after a
power-up or reset condition.
R/WC
0b
29
1588 Interrupt Event (1588_EVNT)
This bit indicates an interrupt event from the IEEE 1588 module. This bit
should be used in conjunction with the 1588 Interrupt Status and Enable
Register (1588_INT_STS_EN) to determine the source of the interrupt
event within the 1588 module.
RO
0b
28
Switch Fabric Interrupt Event (SWITCH_INT)
This bit indicates an interrupt event from the Switch Fabric. This bit should
be used in conjunction with the Switch Global Interrupt Pending Register
(SW_IPR) to determine the source of the interrupt event within the Switch
Fabric.
RO
0b
27
Port 2 PHY Interrupt Event (PHY_INT2)
This bit indicates an interrupt event from the Port 2 PHY. The source of the
interrupt can be determined by polling the Port x PHY Interrupt Source
Flags Register (PHY_INTERRUPT_SOURCE_x).
RO
0b
26
Port 1 PHY Interrupt Event (PHY_INT1)
This bit indicates an interrupt event from the Port 1 PHY. The source of the
interrupt can be determined by polling the Port x PHY Interrupt Source
Flags Register (PHY_INTERRUPT_SOURCE_x).
RO
0b
25
TX Stopped (TXSTOP_INT)
This interrupt is issued when STOP_TX bit in Transmit Configuration
Register (TX_CFG) is set, and the Host MAC transmitter is halted.
R/WC
0b
24
RX Stopped (RXSTOP_INT)
T
his interrupt is issued when the Host MAC receiver is halted.
R/WC
0b
23
RX Dropped Frame Counter Halfway (RXDFH_INT)
This interrupt is issued when the Host MAC RX Dropped Frames Counter
Register (RX_DROP) counts past its halfway point (7FFFFFFFh to
80000000h).
R/WC
0b
22
RESERVED
RO
-
21
TX IOC Interrupt (TX_IOC)
This interrupt is generated when a buffer with the IOC flag set has been
fully loaded into the TX Data FIFO.
R/WC
0b
20
RX DMA Interrupt (RXD_INT)
This interrupt is issued when the amount of data programmed in the RX
DMA Count (RX_DMA_CNT) field of the Receive Configuration Register
(RX_CFG) has been transferred out of the RX Data FIFO.
R/WC
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com