Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 176 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 176 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 172Page - SMSC Corporation LAN9312 Datasheet HTML 173Page - SMSC Corporation LAN9312 Datasheet HTML 174Page - SMSC Corporation LAN9312 Datasheet HTML 175Page - SMSC Corporation LAN9312 Datasheet HTML 176Page - SMSC Corporation LAN9312 Datasheet HTML 177Page - SMSC Corporation LAN9312 Datasheet HTML 178Page - SMSC Corporation LAN9312 Datasheet HTML 179Page - SMSC Corporation LAN9312 Datasheet HTML 180Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
Revision 1.2 (04-08-08)
176
SMSC LAN9312
DATASHEET
5
RX Data FIFO Level Interrupt (RDFL)
This interrupt is generated when the RX Data FIFO reaches the
programmed level in the RX Space Available Level field of the FIFO Level
Interrupt Register (FIFO_INT).
R/WC
0b
4
RX Status FIFO Full Interrupt (RSFF)
This interrupt is generated when the RX Status FIFO is full.
R/WC
0b
3
RX Status FIFO Level Interrupt (RSFL)
This interrupt is generated when the RX Status FIFO reaches the
programmed level in the RX Status Level field of the FIFO Level Interrupt
Register (FIFO_INT).
R/WC
0b
2:0
RESERVED
RO
-
BITS
DESCRIPTION
TYPE
DEFAULT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com