Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 172 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 172 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 168Page - SMSC Corporation LAN9312 Datasheet HTML 169Page - SMSC Corporation LAN9312 Datasheet HTML 170Page - SMSC Corporation LAN9312 Datasheet HTML 171Page - SMSC Corporation LAN9312 Datasheet HTML 172Page - SMSC Corporation LAN9312 Datasheet HTML 173Page - SMSC Corporation LAN9312 Datasheet HTML 174Page - SMSC Corporation LAN9312 Datasheet HTML 175Page - SMSC Corporation LAN9312 Datasheet HTML 176Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
Revision 1.2 (04-08-08)
172
SMSC LAN9312
DATASHEET
14.2.1
Interrupts
This section details the interrupt related System CSR’s. These registers control, configure, and monitor
the IRQ interrupt output pin and the various LAN9312 interrupt sources. For more information on the
LAN9312 interrupts, refer to Chapter 5, "System Interrupts," on page 49.
14.2.1.1
Interrupt Configuration Register (IRQ_CFG)
This read/write register configures and indicates the state of the IRQ signal.
Offset:
054h
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31:24
Interrupt De-assertion Interval (INT_DEAS)
This field determines the Interrupt Request De-assertion Interval in multiples
of 10 microseconds.
Setting this field to zero causes the device to disable the INT_DEAS Interval,
reset the interval counter and issue any pending interrupts. If a new, non-
zero value is written to this field, any subsequent interrupts will obey the new
setting.
This field does not apply to the PME_INT interrupt.
R/W
00h
23:15
RESERVED
RO
-
14
Interrupt De-assertion Interval Clear (INT_DEAS_CLR)
Writing a 1 to this register clears the de-assertion counter in the Interrupt
Controller, thus causing a new de-assertion interval to begin (regardless of
whether or not the Interrupt Controller is currently in an active de-assertion
interval).
0: Normal operation
1: Clear de-assertion counter
R/W
SC
0h
13
Interrupt De-assertion Status (INT_DEAS_STS)
When set, this bit indicates that interrupts are currently in a de-assertion
interval, and will not be sent to the IRQ pin. When this bit is clear, interrupts
are not currently in a de-assertion interval, and will be sent to the IRQ pin.
0: No interrupts in de-assertion interval
1: Interrupts in de-assertion interval
RO
SC
0b
12
Master Interrupt (IRQ_INT)
This read-only bit indicates the state of the internal IRQ line, regardless of
the setting of the IRQ_EN bit, or the state of the interrupt de-assertion
function. When this bit is set, one of the enabled interrupts is currently
active.
0: No enabled interrupts active
1: One or more enabled interrupts active
RO
0b
11:9
RESERVED
RO
-
8
IRQ Enable (IRQ_EN)
This bit controls the final interrupt output to the IRQ pin. When clear, the IRQ
output is disabled and permanently de-asserted. This bit has no effect on
any internal interrupt status bits.
0: Disable output on IRQ pin
1: Enable output on IRQ pin
R/W
0b
7:5
RESERVED
RO
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com