Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 170 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 170 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 166Page - SMSC Corporation LAN9312 Datasheet HTML 167Page - SMSC Corporation LAN9312 Datasheet HTML 168Page - SMSC Corporation LAN9312 Datasheet HTML 169Page - SMSC Corporation LAN9312 Datasheet HTML 170Page - SMSC Corporation LAN9312 Datasheet HTML 171Page - SMSC Corporation LAN9312 Datasheet HTML 172Page - SMSC Corporation LAN9312 Datasheet HTML 173Page - SMSC Corporation LAN9312 Datasheet HTML 174Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
Revision 1.2 (04-08-08)
170
SMSC LAN9312
DATASHEET
13Ch
1588_SRC_UUID_LO_TX_CAPTURE_2
Port 2 1588 Source UUID Low-DWORD Transmit Capture
Register, Section 14.2.5.8
140h
1588_CLOCK_HI_RX_CAPTURE_MII
Port 0 1588 Clock High-DWORD Receive Capture
Register, Section 14.2.5.1
144h
1588_CLOCK_LO_RX_CAPTURE_MII
Port 0 1588 Clock Low-DWORD Receive Capture Register,
Section 14.2.5.2
148h
1588_SEQ_ID_SRC_UUID_HI_RX_CAPTURE_MII
Port 0 1588 Sequence ID, Source UUID High-WORD
Receive Capture Register, Section 14.2.5.3
14Ch
1588_SRC_UUID_LO_RX_CAPTURE_MII
Port 0 1588 Source UUID Low-DWORD Receive Capture
Register, Section 14.2.5.4
150h
1588_CLOCK_HI_TX_CAPTURE_MII
Port 0 1588 Clock High-DWORD Transmit Capture
Register, Section 14.2.5.5
154h
1588_CLOCK_LO_TX_CAPTURE_MII
Port 0 1588 Clock Low-DWORD Transmit Capture
Register, Section 14.2.5.6
158h
1588_SEQ_ID_SRC_UUID_HI_TX_CAPTURE_MII
Port 0 1588 Sequence ID, Source UUID High-WORD
Transmit Capture Register, Section 14.2.5.7
15Ch
1588_SRC_UUID_LO_TX_CAPTURE_MII
Port 0 1588 Source UUID Low-DWORD Transmit Capture
Register, Section 14.2.5.8
160h
1588_CLOCK_HI_CAPTURE_GPIO_8
GPIO 8 1588 Clock High-DWORD Capture Register,
Section 14.2.5.9
164h
1588_CLOCK_LO_CAPTURE_GPIO_8
GPIO 8 1588 Clock Low-DWORD Capture Register,
Section 14.2.5.10
168h
1588_CLOCK_HI_CAPTURE_GPIO_9
GPIO 9 1588 Clock High-DWORD Capture Register,
Section 14.2.5.11
16Ch
1588_CLOCK_LO_CAPTURE_GPIO_9
GPIO 9 1588 Clock Low-DWORD Capture Register,
Section 14.2.5.12
170h
1588_CLOCK_HI
1588 Clock High-DWORD Register, Section 14.2.5.13
174h
1588_CLOCK_LO
1588 Clock Low-DWORD Register, Section 14.2.5.14
178h
1588_CLOCK_ADDEND
1588 Clock Addend Register, Section 14.2.5.15
17Ch
1588_CLOCK_TARGET_HI
1588 Clock Target High-DWORD Register,
Section 14.2.5.16
180h
1588_CLOCK_TARGET_LO
1588 Clock Target Low-DWORD Register,
Section 14.2.5.17
184h
1588_CLOCK_TARGET_RELOAD_HI
1588 Clock Target Reload High-DWORD Register,
Section 14.2.5.18
188h
1588_CLOCK_TARGET_RELOAD_LO
1588 Clock Target Reload/Add Low-DWORD Register,
Section 14.2.5.19
18Ch
1588_AUX_MAC_HI
1588 Auxiliary MAC Address High-WORD Register,
Section 14.2.5.20
190h
1588_AUX_MAC_LO
1588 Auxiliary MAC Address Low-DWORD Register,
Section 14.2.5.21
194h
1588_CONFIG
1588 Configuration Register, Section 14.2.5.22
198h
1588_INT_STS_EN
1588 Interrupt Status Enable Register, Section 14.2.5.23
19Ch
1588_CMD
1588 Command Register, Section 14.2.5.24
Table 14.1 System Control and Status Registers (continued)
ADDRESS
OFFSET
SYMBOL
REGISTER NAME



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com