Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 166 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 166 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 162Page - SMSC Corporation LAN9312 Datasheet HTML 163Page - SMSC Corporation LAN9312 Datasheet HTML 164Page - SMSC Corporation LAN9312 Datasheet HTML 165Page - SMSC Corporation LAN9312 Datasheet HTML 166Page - SMSC Corporation LAN9312 Datasheet HTML 167Page - SMSC Corporation LAN9312 Datasheet HTML 168Page - SMSC Corporation LAN9312 Datasheet HTML 169Page - SMSC Corporation LAN9312 Datasheet HTML 170Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
Revision 1.2 (04-08-08)
166
SMSC LAN9312
DATASHEET
Chapter 14 Register Descriptions
This section describes the various LAN9312 control and status registers (CSR’s). These registers are
broken into 5 categories. The following sections detail the functionality and accessibility of all the
LAN9312 registers within each category:
Section 14.1, "TX/RX FIFO Ports," on page 167
Section 14.2, "System Control and Status Registers," on page 168
Section 14.3, "Host MAC Control and Status Registers," on page 270
Section 14.4, "Ethernet PHY Control and Status Registers," on page 286
Section 14.5, "Switch Fabric Control and Status Registers," on page 308
Figure 14.1 contains an overall base register memory map of the LAN9312. This memory map is not
drawn to scale, and should be used for general reference only.
Note:
Register bit type definitions are provided in Section 1.3, "Register Nomenclature," on page 19.
Note:
Not all LAN9312 registers are memory mapped or directly addressable. For details on the
accessibility of the various LAN9312 registers, refer the register sub-sections listed above.
Figure 14.1 LAN9312 Base Register Memory Map
RX Data FIFO Port
& Alias Ports
TX Data FIFO Port
& Alias Ports
RX Status FIFO Port
RX Status FIFO PEEK
TX Status FIFO Port
TX Status FIFO PEEK
Base + 000h
020h
040h
044h
048h
04Ch
100h
RESERVED
2E0h
...
2DCh
3FFh
Switch CSR Direct Data
Registers
200h
...
03Ch
01Ch
050h
1588 Registers
Virtual PHY Registers
1C0h
1DCh
19Ch
Switch Interface Registers
1ACh
1B0h
Host MAC Interface Registers
0A4h
0A8h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com