Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 165 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 165 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 161Page - SMSC Corporation LAN9312 Datasheet HTML 162Page - SMSC Corporation LAN9312 Datasheet HTML 163Page - SMSC Corporation LAN9312 Datasheet HTML 164Page - SMSC Corporation LAN9312 Datasheet HTML 165Page - SMSC Corporation LAN9312 Datasheet HTML 166Page - SMSC Corporation LAN9312 Datasheet HTML 167Page - SMSC Corporation LAN9312 Datasheet HTML 168Page - SMSC Corporation LAN9312 Datasheet HTML 169Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
SMSC LAN9312
165
Revision 1.2 (04-08-08)
DATASHEET
The various LED indication functions shown in Table 13.1 are described below:
TX Port 0 -
The signal is pulsed low for 80mS to indicate activity from the switch fabric to the Host
MAC. This signal is then driven high for a minimum of 80mS, after which the process will repeat if
TX activity is again detected.
RX Port 0 -
The signal is pulsed low for 80mS to indicate activity from the Host MAC to the switch
fabric. This signal is then driven high for a minimum of 80mS, after which the process will repeat
if RX activity is again detected.
Link / Activity -
A steady low output indicates that the port has a valid link, while a steady high
indicates no link on the port. The signal is pulsed high for 80mS to indicate transmit or receive
activity on the port. The signal is then driven low for a minimum of 80mS, after which the process
will repeat if RX or TX activity is again detected.
Full-duplex / Collision -
A steady low output indicates the port is in full-duplex mode, while a
steady high indicates no link on the port. In half-duplex mode, the signal is pulsed low for 80mS
to indicate a network collision. The signal is then driven high for a minimum of 80mS, after which
the process will repeat if another collision is detected.
Speed -
A steady low output indicates the selected speed is 100Mbps. A steady high output
indicates the selected speed is 10Mbps. The signal will be held high if the port does not have a
valid link.
100Link / Activity -
A steady low output indicates the port has a valid link and the speed is
100Mbps. The signal is pulsed high for 80mS to indicate TX or RX activity on the port. The signal
is then driven low for a minimum of 80mS, after which the process will repeat if RX or TX activity
is again detected. The signal will be held high if the port does not have a valid link.
10Link / Activity -
A steady low output indicates the port has a valid link and the speed is 10Mbps.
The signal is pulsed high for 80mS to indicate transmit or receive activity on the port. The signal
is then driven low for a minimum of 80mS, after which the process will repeat if RX or TX activity
is again detected. This signal will be held high if the port does not have a valid link.
Activity -
The signal is pulsed low for 80mS to indicate transmit or receive activity. The signal is
then driven high for a minimum of 80mS, after which the process will repeat if RX or TX activity is
again detected. The signal will be held high if the port does not have a valid link.
Link -
A steady low indicates the port has a valid link.
TXEN Port 0 -
Non-stretched TXEN signal from the switch fabric to the Host MAC.
RXDV Port 0 -
Non-stretched RXDV signal from the Host MAC to the switch fabric.
TXEN -
Non-stretched TXEN signal from the switch fabric to the PHY.
RXDV -
Non-stretched RXDV signal from the PHY to the switch fabric.
nP1LED1
(GPIO1)
Full-duplex / Collision
Port 1
Full-duplex / Collision
Port 1
Full-duplex / Collision
Port 1
TXEN
Port 1
nP1LED0
(GPIO0)
Speed
Port 1
10Link / Activity
Port 1
Speed
Port 1
RXDV
Port 1
Table 13.1 LED Operation as a Function of LED_CFG[9:8] (continued)
LED_CFG[9:8] (LED_FUN[1:0])



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com