Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 181 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 181 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 177Page - SMSC Corporation LAN9312 Datasheet HTML 178Page - SMSC Corporation LAN9312 Datasheet HTML 179Page - SMSC Corporation LAN9312 Datasheet HTML 180Page - SMSC Corporation LAN9312 Datasheet HTML 181Page - SMSC Corporation LAN9312 Datasheet HTML 182Page - SMSC Corporation LAN9312 Datasheet HTML 183Page - SMSC Corporation LAN9312 Datasheet HTML 184Page - SMSC Corporation LAN9312 Datasheet HTML 185Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
SMSC LAN9312
181
Revision 1.2 (04-08-08)
DATASHEET
14:13
RESERVED
RO
-
12:8
RX Data Offset (RXDOFF)
This field controls the offset value, in bytes, that is added to the beginning
of an RX data packet. The start of the valid data will be shifted by the
number of bytes specified in this field. An offset of 0-31 bytes is a valid
number of offset bytes.
Note:
The two LSBs of this field (D[9:8]) must not be modified while the
RX is running. The receiver must be halted, and all data purged
before these two bits can be modified. The upper three bits
(DWORD offset) may be modified while the receiver is running.
Modifications to the upper bits will take affect on the next DWORD
read.
R/W
00000b
7:0
RESERVED
RO
-
BITS
DESCRIPTION
TYPE
DEFAULT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com