Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 182 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 182 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 178Page - SMSC Corporation LAN9312 Datasheet HTML 179Page - SMSC Corporation LAN9312 Datasheet HTML 180Page - SMSC Corporation LAN9312 Datasheet HTML 181Page - SMSC Corporation LAN9312 Datasheet HTML 182Page - SMSC Corporation LAN9312 Datasheet HTML 183Page - SMSC Corporation LAN9312 Datasheet HTML 184Page - SMSC Corporation LAN9312 Datasheet HTML 185Page - SMSC Corporation LAN9312 Datasheet HTML 186Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
Revision 1.2 (04-08-08)
182
SMSC LAN9312
DATASHEET
14.2.2.2
Transmit Configuration Register (TX_CFG)
This register controls the Host MAC transmit functions.
Offset:
070h
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31:16
RESERVED
RO
-
15
Force TX Status Discard (TXS_DUMP)
When a 1 is written to this bit, the TX Status FIFO is cleared of all pending
status DWORD’s and the TX status pointers are cleared to zero.
WO
SC
0b
14
Force TX Data Discard (TXD_DUMP)
When a 1 is written to this bit, the TX Data FIFO is cleared of all pending
data and the TX data pointers are cleared to zero.
WO
SC
0b
13:3
RESERVED
RO
-
2
TX Status Allow Overrun (TXSAO)
When this bit is cleared, Host MAC data transmission is suspended if the
TX Status FIFO becomes full. Setting this bit high allows the transmitter to
continue operation with a full TX Status FIFO.
Note:
This bit does not affect the operation of the TX Status FIFO Full
Interrupt (TSFF).
R/W
0b
1
Transmitter Enable (TX_ON)
When this bit is set, the Host MAC transmitter is enabled. Any data in the
TX Data FIFO will be sent. This bit is cleared automatically when the
STOP_TX bit is set and the transmitter is halted.
R/W
0b
0
Stop Transmitter (STOP_TX)
When this bit is set, the Host MAC transmitter will finish the current frame,
and will then stop transmitting. When the transmitter has stopped this bit will
clear. All writes to this bit are ignored while this bit is high.
R/W
SC
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com