Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 184 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 184 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 180Page - SMSC Corporation LAN9312 Datasheet HTML 181Page - SMSC Corporation LAN9312 Datasheet HTML 182Page - SMSC Corporation LAN9312 Datasheet HTML 183Page - SMSC Corporation LAN9312 Datasheet HTML 184Page - SMSC Corporation LAN9312 Datasheet HTML 185Page - SMSC Corporation LAN9312 Datasheet HTML 186Page - SMSC Corporation LAN9312 Datasheet HTML 187Page - SMSC Corporation LAN9312 Datasheet HTML 188Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
Revision 1.2 (04-08-08)
184
SMSC LAN9312
DATASHEET
14.2.2.4
RX FIFO Information Register (RX_FIFO_INF)
This register contains the indication of used space in the RX FIFO’s.
Offset:
07Ch
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31:24
RESERVED
RO
-
23:16
RX Status FIFO Used Space (RXSUSED)
This field indicates the amount of space, in DWORD’s, currently used in the
RX Status FIFO.
RO
0b
15:0
RX Data FIFO Used Space (RXDUSED)
This field indicates the amount of space, in bytes, used in the RX Data FIFO.
For each receive frame, the field is incremented by the length of the receive
data. In cases where the payload does not end on a DWORD boundary, the
total will be rounded up to the nearest DWORD.
RO
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com