Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 187 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 187 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 183Page - SMSC Corporation LAN9312 Datasheet HTML 184Page - SMSC Corporation LAN9312 Datasheet HTML 185Page - SMSC Corporation LAN9312 Datasheet HTML 186Page - SMSC Corporation LAN9312 Datasheet HTML 187Page - SMSC Corporation LAN9312 Datasheet HTML 188Page - SMSC Corporation LAN9312 Datasheet HTML 189Page - SMSC Corporation LAN9312 Datasheet HTML 190Page - SMSC Corporation LAN9312 Datasheet HTML 191Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
SMSC LAN9312
187
Revision 1.2 (04-08-08)
DATASHEET
14.2.2.7
Host MAC CSR Interface Command Register (MAC_CSR_CMD)
This read-write register is used to control the read and write operations to/from the Host MAC. This
register in used in conjunction with the Host MAC CSR Interface Data Register (MAC_CSR_DATA) to
indirectly access the Host MAC CSR’s.
Note:
The full list of Host MAC CSR’s are described in Section 14.3, "Host MAC Control and Status
Registers," on page 270. For more information on the Host MAC, refer to Chapter 9, "Host
MAC," on page 112.
Offset:
0A4h
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31
CSR Busy
When a 1 is written into this bit, the read or write operation is performed to
the specified Host MAC CSR. This bit will remain set until the operation is
complete. In the case of a read, this indicates that the host can read valid
data from the Host MAC CSR Interface Data Register (MAC_CSR_DATA).
Note:
The MAC_CSR_CMD and MAC_CSR_DATA registers must not be
modified until this bit is cleared.
R/W
SC
0b
30
R/nW
When set, this bit indicates that the host is requesting a read operation.
When clear, the host is performing a write.
0: Host MAC CSR Write Operation
1: Host MAC CSR Read Operation
R/W
0b
29:8
RESERVED
RO
-
7:0
CSR Address
The 8-bit value in this field selects which Host MAC CSR will be accessed
by the read or write operation. The index of each Host MAC CSR is defined
in Section 14.3, "Host MAC Control and Status Registers," on page 270.
R/W
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com