Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 190 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 190 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 186Page - SMSC Corporation LAN9312 Datasheet HTML 187Page - SMSC Corporation LAN9312 Datasheet HTML 188Page - SMSC Corporation LAN9312 Datasheet HTML 189Page - SMSC Corporation LAN9312 Datasheet HTML 190Page - SMSC Corporation LAN9312 Datasheet HTML 191Page - SMSC Corporation LAN9312 Datasheet HTML 192Page - SMSC Corporation LAN9312 Datasheet HTML 193Page - SMSC Corporation LAN9312 Datasheet HTML 194Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
Revision 1.2 (04-08-08)
190
SMSC LAN9312
DATASHEET
3
Flow Control on Multicast Frame (FCMULT)
When this bit is set, the Host MAC will assert back pressure when the AFC
level is reached and a multicast frame is received. This field has no function
in full-duplex mode.
0: Flow Control on Multicast Frame Disabled
1: Flow Control on Multicast Frame Enabled
R/W
0b
2
Flow Control on Broadcast Frame (FCBRD)
When this bit is set, the Host MAC will assert back pressure when the AFC
level is reached and a broadcast frame is received. This field has no function
in full-duplex mode.
0: Flow Control on Broadcast Frame Disabled
1: Flow Control on Broadcast Frame Enabled
R/W
0b
1
Flow Control on Address Decode (FCADD)
When this bit is set, the Host MAC will assert back pressure when the AFC
level is reached and a frame addressed to the Host MAC is received. This
field has no function in full-duplex mode.
0: Flow Control on Address Decode Disabled
1: Flow Control on Address Decode Enabled
R/W
0b
0
Flow Control on Any Frame (FCANY)
When this bit is set, the Host MAC will assert back pressure, or transmit a
pause frame when the AFC level is reached and any frame is received.
Setting this bit enables full-duplex flow control when the Host MAC is
operating in full-duplex mode.
When this mode is enabled during half-duplex operation, the Flow Controller
does not decode the Host MAC address and will send a JAM upon receipt
of a valid preamble (i.e., immediately at the beginning of the next frame after
the RX Data FIFO level is reached).
When this mode is enabled during full-duplex operation, the Flow Controller
will immediately instruct the Host MAC to send a pause frame when the RX
Data FIFO level is reached. The MAC will queue the pause frame
transmission for the next available window.
Setting this bit overrides bits [3:1] of this register.
R/W
0b
Table 14.2 Backpressure Duration Bit Mapping
BACKPRESSURE DURATION
[7:4]
100Mbs Mode
10Mbs Mode
0h
5uS
7.2uS
1h
10uS
12.2uS
2h
15uS
17.2uS
3h
25uS
27.2uS
4h
50uS
52.2uS
5h
100uS
102.2uS
6h
150uS
152.2uS
7h
200uS
202.2uS
BITS
DESCRIPTION
TYPE
DEFAULT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com