Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 194 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 194 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 190Page - SMSC Corporation LAN9312 Datasheet HTML 191Page - SMSC Corporation LAN9312 Datasheet HTML 192Page - SMSC Corporation LAN9312 Datasheet HTML 193Page - SMSC Corporation LAN9312 Datasheet HTML 194Page - SMSC Corporation LAN9312 Datasheet HTML 195Page - SMSC Corporation LAN9312 Datasheet HTML 196Page - SMSC Corporation LAN9312 Datasheet HTML 197Page - SMSC Corporation LAN9312 Datasheet HTML 198Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
Revision 1.2 (04-08-08)
194
SMSC LAN9312
DATASHEET
14.2.3.2
General Purpose I/O Data & Direction Register (GPIO_DATA_DIR)
This read/write register configures the direction of the 12 GPIO pins and contains the GPIO input and
output data bits.
Offset:
1E4h
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31:28
RESERVED
RO
-
27:16
GPIO Direction 11-0 (GPIODIR[11:0])
These bits set the input/output direction of the 12 GPIO pins.
0: GPIO pin is configured as an input
1: GPIO pin is configured as an output
R/W
0h
15:12
RESERVED
RO
-
11:0
GPIO Data 11-0 (GPIOD[11:0])
When a GPIO pin is enabled as an output, the value written to this field is
output on the corresponding GPIO pin. Upon a read, the value returned
depends on the current direction of the pin. If the pin is an input, the data
reflects the current state of the corresponding GPIO pin. If the pin is an
output, the data is the value that was last written into this register. For
GPIOs 11-10 and 7-0, the pin direction is determined by the GPDIR bits of
this register. For GPIOs 9 and 8, the pin direction is determined by the
GPDIR bits and the 1588_GPIO_OE bits in the General Purpose I/O
Configuration Register (GPIO_CFG).
R/W
0h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com