Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 196 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 196 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 192Page - SMSC Corporation LAN9312 Datasheet HTML 193Page - SMSC Corporation LAN9312 Datasheet HTML 194Page - SMSC Corporation LAN9312 Datasheet HTML 195Page - SMSC Corporation LAN9312 Datasheet HTML 196Page - SMSC Corporation LAN9312 Datasheet HTML 197Page - SMSC Corporation LAN9312 Datasheet HTML 198Page - SMSC Corporation LAN9312 Datasheet HTML 199Page - SMSC Corporation LAN9312 Datasheet HTML 200Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
Revision 1.2 (04-08-08)
196
SMSC LAN9312
DATASHEET
14.2.3.4
LED Configuration Register (LED_CFG)
This read/write register configures the GPIO[7:0] pins as LED[7:0] pins and sets their functionality.
Note 14.2
The default value of this field is determined by the configuration strap LED_fun_strap[1:0].
Configuration strap values are latched on power-on reset or nRST de-assertion. Some
configuration straps can be overridden by values from the EEPROM Loader. Refer to
Section 4.2.4, "Configuration Straps," on page 40 for more information.
Note 14.3
The default value of this field is determined by the configuration strap LED_en_strap[7:0].
Configuration strap values are latched on power-on reset or nRST de-assertion. Some
configuration straps can be overridden by values from the EEPROM Loader. Refer to
Section 4.2.4, "Configuration Straps," on page 40 for more information.
Offset:
1BCh
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31:10
RESERVED
RO
-
9:8
LED Function 1-0 (LED_FUN[1:0])
These bits control the function associated with each LED pin as shown in
Table 13.1 of Section 13.3, "LED Operation," on page 164.
Note:
In order for these assignments to be valid, the particular pin must
be enabled as an LED output pin via the LED_EN[7:0] bits of this
register.
R/W
Note 14.2
7:0
LED Enable 7-0 (LED_EN[7:0])
This field toggles the functionality of the GPIO[7:0] pins between GPIO and
LED.
0: Enables the associated pin as a GPIO signal
1: Enables the associated pin as a LED output
R/W
Note 14.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com