Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 197 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 197 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 193Page - SMSC Corporation LAN9312 Datasheet HTML 194Page - SMSC Corporation LAN9312 Datasheet HTML 195Page - SMSC Corporation LAN9312 Datasheet HTML 196Page - SMSC Corporation LAN9312 Datasheet HTML 197Page - SMSC Corporation LAN9312 Datasheet HTML 198Page - SMSC Corporation LAN9312 Datasheet HTML 199Page - SMSC Corporation LAN9312 Datasheet HTML 200Page - SMSC Corporation LAN9312 Datasheet HTML 201Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
SMSC LAN9312
197
Revision 1.2 (04-08-08)
DATASHEET
14.2.4
EEPROM
This section details the EEPROM related System CSR’s. These registers should only be used if an
EEPROM has been connected to the LAN9312. Refer to chapter Section 10.2, "I2C/Microwire Master
EEPROM Controller," on page 137 for additional information on the various modes (I2C and Microwire)
of the EEPROM Controller (EPC).
14.2.4.1
EEPROM Command Register (E2P_CMD)
This read/write register is used to control the read and write operations of the serial EEPROM.
Offset:
1B4h
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31
EEPROM Controller Busy (EPC_BUSY)
When a 1 is written into this bit, the operation specified in the
EPC_COMMAND field of this register is performed at the specified
EEPROM address. This bit will remain set until the selected operation is
complete. In the case of a read, this indicates that the Host can read valid
data from the EEPROM Data Register (E2P_DATA). The E2P_CMD and
E2P_DATA registers should not be modified until this bit is cleared. In the
case where a write is attempted and an EEPROM is not present, the
EPC_BUSY bit remains set until the EEPROM Controller Timeout
(EPC_TIMEOUT) bit is set. At this time the EPC_BUSY bit is cleared.
Note:
EPC_BUSY is set immediately following power-up, or pin reset, or
DIGITAL_RST reset. This bit is also set following the settings of the
SRST bit in the Hardware Configuration Register (HW_CFG). After
the EEPROM Loader has finished loading, the EPC_BUSY bit is
cleared. Refer to chapter Section 10.2.4, "EEPROM Loader," on
page 149 for more information.
R/W
SC
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com