Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 193 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 193 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 189Page - SMSC Corporation LAN9312 Datasheet HTML 190Page - SMSC Corporation LAN9312 Datasheet HTML 191Page - SMSC Corporation LAN9312 Datasheet HTML 192Page - SMSC Corporation LAN9312 Datasheet HTML 193Page - SMSC Corporation LAN9312 Datasheet HTML 194Page - SMSC Corporation LAN9312 Datasheet HTML 195Page - SMSC Corporation LAN9312 Datasheet HTML 196Page - SMSC Corporation LAN9312 Datasheet HTML 197Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
SMSC LAN9312
193
Revision 1.2 (04-08-08)
DATASHEET
12
GPIO 8 Clock Event Polarity (GPIO_EVENT_POL_8)
This bit determines if the 1588 clock event output on GPIO 8 is active high
or low.
0: 1588 clock event output active low
1: 1588 clock event output active high
R/W
1b
11:0
GPIO Buffer Type 11-0 (GPIOBUF[11:0])
This field sets the buffer types of the 12 GPIO pins.
0: Corresponding GPIO pin configured as an open-drain driver
1: Corresponding GPIO pin configured as a push/pull driver
As an open-drain driver, the output pin is driven low when the corresponding
data register is cleared, and is not driven when the corresponding data
register is set.
As an open-drain driver used for 1588 Clock Events, the corresponding
GPIO_EVENT_POL_8 and GPIO_EVENT_POL_9 bits determine when the
corresponding pin is driven per the following table:
R/W
0h
BITS
DESCRIPTION
TYPE
DEFAULT
GPIOx Clock Event Polarity
1588 Clock Event
Pin State
0
no
not driven
0
yes
driven low
1
no
driven low
1
yes
not driven



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com