Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 232 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 232 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 228Page - SMSC Corporation LAN9312 Datasheet HTML 229Page - SMSC Corporation LAN9312 Datasheet HTML 230Page - SMSC Corporation LAN9312 Datasheet HTML 231Page - SMSC Corporation LAN9312 Datasheet HTML 232Page - SMSC Corporation LAN9312 Datasheet HTML 233Page - SMSC Corporation LAN9312 Datasheet HTML 234Page - SMSC Corporation LAN9312 Datasheet HTML 235Page - SMSC Corporation LAN9312 Datasheet HTML 236Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
Revision 1.2 (04-08-08)
232
SMSC LAN9312
DATASHEET
Note 14.8
The default value of this field is determined by the BP_EN_strap_2 configuration strap. The
strap values are loaded during reset and can be re-written by the EEPROM Loader. Once
the EEPROM Loader re-writes the values, this register is updated with the new values.
See Section 4.2.4, "Configuration Straps," on page 40 for more information.
Note 14.9
The default value of this bit is determined by multiple strap settings. The strap values are
loaded during reset and can be re-written by the EEPROM Loader. Once the EEPROM
Loader re-writes the values, this register is updated with the new values. Refer to Section
6.2.3, "Flow Control Enable Logic," on page 58 for additional information.
Note 14.10
The default value of this field is determined by the FD_FC_strap_2 configuration strap. The
strap values are loaded during reset and can be re-written by the EEPROM Loader. Once
the EEPROM Loader re-writes the values, this register is updated with the new values.
See Section 4.2.4, "Configuration Straps," on page 40 for more information.
Note 14.11
The default value of this field is determined by the manual_FC_strap_2 configuration strap.
The strap values are loaded during reset and can be re-written by the EEPROM Loader.
Once the EEPROM Loader re-writes the values, this register is updated with the new
values. See Section 4.2.4, "Configuration Straps," on page 40 for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com