Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 236 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 236 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 232Page - SMSC Corporation LAN9312 Datasheet HTML 233Page - SMSC Corporation LAN9312 Datasheet HTML 234Page - SMSC Corporation LAN9312 Datasheet HTML 235Page - SMSC Corporation LAN9312 Datasheet HTML 236Page - SMSC Corporation LAN9312 Datasheet HTML 237Page - SMSC Corporation LAN9312 Datasheet HTML 238Page - SMSC Corporation LAN9312 Datasheet HTML 239Page - SMSC Corporation LAN9312 Datasheet HTML 240Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
Revision 1.2 (04-08-08)
236
SMSC LAN9312
DATASHEET
14.2.6.5
Switch Fabric CSR Interface Command Register (SWITCH_CSR_CMD)
This read/write register is used in conjunction with the Switch Fabric CSR Interface Data Register
(SWITCH_CSR_DATA) to control the read and write operations to the various Switch Fabric CSR’s.
Refer to Section 14.5, "Switch Fabric Control and Status Registers," on page 308 for details on the
registers indirectly accessible via this register.
Offset:
1B0h
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31
CSR Busy (CSR_BUSY)
When a 1 is written to this bit, the read or write operation (as determined by
the R_nW bit) is performed to the specified Switch Fabric CSR in CSR
Address (CSR_ADDR[15:0]). This bit will remain set until the operation is
complete, at which time the bit will clear. In the case of a read, the clearing
of this bit indicates to the Host that valid data can be read from the Switch
Fabric CSR Interface Data Register (SWITCH_CSR_DATA). The
SWITCH_CSR_CMD and SWITCH_CSR_DATA registers should not be
modified until this bit is cleared.
R/W
SC
0b
30
Read/Write (R_nW)
This bit determines whether a read or write operation is performed by the
Host to the specified Switch Engine CSR.
0: Write
1: Read
R/W
0b
29
Auto Increment (AUTO_INC)
This bit enables/disables the auto increment feature.
When this bit is set, a write to the Switch Fabric CSR Interface Data Register
(SWITCH_CSR_DATA) register will automatically set the CSR Busy
(CSR_BUSY) bit. Once the write command is finished, the CSR Address
(CSR_ADDR[15:0]) will automatically increment.
When this bit is set, a read from the Switch Fabric CSR Interface Data
Register (SWITCH_CSR_DATA) will automatically increment the CSR
Address (CSR_ADDR[15:0]) and set the CSR Busy (CSR_BUSY) bit. This
bit should be cleared by software before the last read from the
SWITCH_CSR_DATA register.
0: Disable Auto Increment
1: Enable Auto Increment
Note:
This bit has precedence over the Auto Decrement (AUTO_DEC) bit
R/W
0b
28
Auto Decrement (AUTO_DEC)
This bit enables/disables the auto decrement feature.
When this bit is set, a write to the Switch Fabric CSR Interface Data Register
(SWITCH_CSR_DATA) will automatically set the CSR Busy (CSR_BUSY)
bit. Once the write command is finished, the CSR Address
(CSR_ADDR[15:0]) will automatically decrement.
When this bit is set, a read from the Switch Fabric CSR Interface Data
Register (SWITCH_CSR_DATA) will automatically decrement the CSR
Address (CSR_ADDR[15:0]) and set the CSR Busy (CSR_BUSY) bit. This
bit should be cleared by software before the last read from the
SWITCH_CSR_DATA register.
0: Disable Auto Decrement
1: Enable Auto Decrement
R/W
0b
27:20
RESERVED
RO
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com