Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 235 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 235 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 231Page - SMSC Corporation LAN9312 Datasheet HTML 232Page - SMSC Corporation LAN9312 Datasheet HTML 233Page - SMSC Corporation LAN9312 Datasheet HTML 234Page - SMSC Corporation LAN9312 Datasheet HTML 235Page - SMSC Corporation LAN9312 Datasheet HTML 236Page - SMSC Corporation LAN9312 Datasheet HTML 237Page - SMSC Corporation LAN9312 Datasheet HTML 238Page - SMSC Corporation LAN9312 Datasheet HTML 239Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
SMSC LAN9312
235
Revision 1.2 (04-08-08)
DATASHEET
14.2.6.4
Switch Fabric CSR Interface Data Register (SWITCH_CSR_DATA)
This read/write register is used in conjunction with the Switch Fabric CSR Interface Command Register
(SWITCH_CSR_CMD) to perform read and write operations with the Switch Fabric CSR’s. Refer to
Section 14.5, "Switch Fabric Control and Status Registers," on page 308 for details on the registers
indirectly accessible via this register.
Offset:
1ACh
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31:0
Switch CSR Data (CSR_DATA)
This field contains the value read from or written to the Switch Fabric CSR.
The Switch Fabric CSR is selected via the CSR Address (CSR_ADDR[15:0])
bits of the Switch Fabric CSR Interface Command Register
(SWITCH_CSR_CMD).
Upon a read, the value returned depends on the R/nW bit in the Switch
Fabric CSR Interface Command Register (SWITCH_CSR_CMD). If R/nW is
set, the data is from the switch fabric. If R/nW is cleared, the data is the
value that was last written into this register.
R/W
00000000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com