Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 233 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 233 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 229Page - SMSC Corporation LAN9312 Datasheet HTML 230Page - SMSC Corporation LAN9312 Datasheet HTML 231Page - SMSC Corporation LAN9312 Datasheet HTML 232Page - SMSC Corporation LAN9312 Datasheet HTML 233Page - SMSC Corporation LAN9312 Datasheet HTML 234Page - SMSC Corporation LAN9312 Datasheet HTML 235Page - SMSC Corporation LAN9312 Datasheet HTML 236Page - SMSC Corporation LAN9312 Datasheet HTML 237Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
SMSC LAN9312
233
Revision 1.2 (04-08-08)
DATASHEET
14.2.6.3
Port 0(Host MAC) Manual Flow Control Register (MANUAL_FC_MII)
This read/write register allows for the manual configuration of the switch Port 0(Host MAC) flow control.
This register also provides read back of the currently enabled flow control settings, whether set
manually or Auto-Negotiated. Refer to Section 6.2.3, "Flow Control Enable Logic," on page 58 for
additional information.
Note:
The flow control values in the Section 14.2.8.5, "Virtual PHY Auto-Negotiation Advertisement
Register (VPHY_AN_ADV)," on page 252 are not affected by the values of this register.
Offset:
1A8h
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31:8
RESERVED
RO
-
7
Port 0 Hard-wired Flow Control (HW_FC_MII)
When set to “1”, the Host MACs RX FIFO level is connected to the switch
engine’s transmitter and the switch engines RX FIFO level is connected to
the Host MACs transmitter. This achieves lower latency flow control.
Note:
All other flow control methods must be disabled when using this
feature. (MANUAL_FC_MII should be set, TX_FC_MII,
RX_FC_MII, and BP_EN_MII should be cleared. FCANY, FCADD,
FCBRD, and FCMULT in the AFC_CFG register should be
cleared).
R/W
0b
6
Port 0 Backpressure Enable (BP_EN_MII)
This bit enables/disables the generation of half-duplex backpressure on
switch Port 0.
0: Disable backpressure
1: Enable backpressure
R/W
Note 14.12
5
Port 0 Current Duplex (CUR_DUP_MII)
This bit indicates the actual duplex setting of the switch Port 0.
0: Full-Duplex
1: Half-Duplex
RO
Note 14.13
4
Port 0 Current Receive Flow Control Enable (CUR_RX_FC_MII)
This bit indicates the actual receive flow setting of switch Port 0
0: Flow control receive is currently disabled
1: Flow control receive is currently enabled
RO
Note 14.13
3
Port 0 Current Transmit Flow Control Enable (CUR_TX_FC_MII)
This bit indicates the actual transmit flow setting of switch Port 0.
0: Flow control transmit is currently disabled
1: Flow control transmit is currently enabled
RO
Note 14.13
2
Port 0 Receive Flow Control Enable (RX_FC_MII)
When the MANUAL_FC_MII bit is set, or Virtual Auto-Negotiation is
disabled, this bit enables/disables the detection of full-duplex Pause packets
on switch Port 0.
0: Disable flow control receive
1: Enable flow control receive
R/W
Note 14.14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com