Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 238 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 238 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 234Page - SMSC Corporation LAN9312 Datasheet HTML 235Page - SMSC Corporation LAN9312 Datasheet HTML 236Page - SMSC Corporation LAN9312 Datasheet HTML 237Page - SMSC Corporation LAN9312 Datasheet HTML 238Page - SMSC Corporation LAN9312 Datasheet HTML 239Page - SMSC Corporation LAN9312 Datasheet HTML 240Page - SMSC Corporation LAN9312 Datasheet HTML 241Page - SMSC Corporation LAN9312 Datasheet HTML 242Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
Revision 1.2 (04-08-08)
238
SMSC LAN9312
DATASHEET
14.2.6.6
Switch Fabric MAC Address High Register (SWITCH_MAC_ADDRH)
This register contains the upper 16-bits of the MAC address used by the switch for Pause frames. This
re gist er is used in conjunct i on with Sw it ch Fabric MAC Address Low Register
(SWITCH_MAC_ADDRL). The contents of this register are optionally loaded from the EEPROM at
power-on through the EEPROM Loader if a programmed EEPROM is detected. The least significant
byte of this register (bits [7:0]) is loaded from address 05h of the EEPROM. The second byte (bits
[15:8]) is loaded from address 06h of the EEPROM. These EEPROM values are also loaded into the
Host MAC Address High Register (HMAC_ADDRH). The Host can update the contents of this field
after the initialization process has completed.
Refer to Section 9.6, "Host MAC Address," on page 119 for details on how the EEPROM Loader loads
this register. Section 10.2.4, "EEPROM Loader," on page 149 contains additional details on using the
EEPROM Loader.
Offset:
1F0h
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31:16
RESERVED
RO
-
15:0
Physical Address[47:32]
This field contains the upper 16-bits (47:32) of the physical address of the
Switch Fabric MACs.
R/W
FFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com