Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 241 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 241 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 237Page - SMSC Corporation LAN9312 Datasheet HTML 238Page - SMSC Corporation LAN9312 Datasheet HTML 239Page - SMSC Corporation LAN9312 Datasheet HTML 240Page - SMSC Corporation LAN9312 Datasheet HTML 241Page - SMSC Corporation LAN9312 Datasheet HTML 242Page - SMSC Corporation LAN9312 Datasheet HTML 243Page - SMSC Corporation LAN9312 Datasheet HTML 244Page - SMSC Corporation LAN9312 Datasheet HTML 245Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
SMSC LAN9312
241
Revision 1.2 (04-08-08)
DATASHEET
MAC_TX_CFG_2
0C40h
22Ch
MAC_TX_FC_SETTINGS_2
0C41h
230h
MAC_IMR_2
0C80h
234h
Switch Engine CSRs
SWE_ALR_CMD
1800h
238h
SWE_ALR_WR_DAT_0
1801h
23Ch
SWE_ALR_WR_DAT_1
1802h
240h
SWE_ALR_CFG
1809h
244h
SWE_VLAN_CMD
180Bh
248h
SWE_VLAN_WR_DATA
180Ch
24Ch
SWE_DIFFSERV_TBL_CMD
1811h
250h
SWE_DIFFSERV_TBL_WR_DATA
1812h
254h
SWE_GLB_INGRESS_CFG
1840h
258h
SWE_PORT_INGRESS_CFG
1841h
25Ch
SWE_ADMT_ONLY_VLAN
1842h
260h
SWE_PORT_STATE
1843h
264h
SWE_PRI_TO_QUE
1845h
268h
SWE_PORT_MIRROR
1846h
26Ch
SWE_INGRESS_PORT_TYP
1847h
270h
SWE_BCST_THROT
1848h
274h
SWE_ADMT_N_MEMBER
1849h
278h
SWE_INGRESS_RATE_CFG
184Ah
27Ch
SWE_INGRESS_RATE_CMD
184Bh
280h
SWE_INGRESS_RATE_WR_DATA
184Dh
284h
SWE_INGRESS_REGEN_TBL_MII
1855h
288h
SWE_INGRESS_REGEN_TBL_1
1856h
28Ch
SWE_INGRESS_REGEN_TBL_2
1857h
290h
SWE_IMR
1880h
294h
Buffer Manager (BM) CSRs
BM_CFG
1C00h
298h
BM_DROP_LVL
1C01h
29Ch
BM_FC_PAUSE_LVL
1C02h
2A0h
Table 14.3 Switch Fabric CSR to SWITCH_CSR_DIRECT_DATA Address Range Map (continued)
REGISTER NAME
SWITCH FABRIC CSR
REGISTER #
SWITCH_CSR_DIRECT_DATA
ADDRESS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com