Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 243 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 243 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 239Page - SMSC Corporation LAN9312 Datasheet HTML 240Page - SMSC Corporation LAN9312 Datasheet HTML 241Page - SMSC Corporation LAN9312 Datasheet HTML 242Page - SMSC Corporation LAN9312 Datasheet HTML 243Page - SMSC Corporation LAN9312 Datasheet HTML 244Page - SMSC Corporation LAN9312 Datasheet HTML 245Page - SMSC Corporation LAN9312 Datasheet HTML 246Page - SMSC Corporation LAN9312 Datasheet HTML 247Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
SMSC LAN9312
243
Revision 1.2 (04-08-08)
DATASHEET
14.2.7
PHY Management Interface (PMI)
The PMI registers are used (by the EEPROM Loader only) to indirectly access the PHY registers.
Refer to Section 14.4, "Ethernet PHY Control and Status Registers," on page 286 for additional
information on the PHY registers.
Note:
These registers are only accessible by the EEPROM Loader and NOT by the Host bus. Refer
to Section 10.2.4, "EEPROM Loader," on page 149 for additional information.
14.2.7.1
PHY Management Interface Data Register (PMI_DATA)
This register is used in conjunction with the PHY Management Interface Access Register
(PMI_ACCESS) to perform write operations to the PHYs.
Note:
This register is only accessible by the EEPROM Loader and NOT by the Host bus. Refer to
Section 10.2.4, "EEPROM Loader," on page 149 for additional information.
Offset:
0A4h
EEPROM Loader
Access Only
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31:16
RESERVED
RO
-
15:0
MII Data
This field contains the value written to the PHYs. For a write operation, this
register should be first written with the desired data.
WO
00000000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com